Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDD-300LW Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

LDD-300LW Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # LDD-300LW
Download  LDD-300LW Download
File Size   149.16 Kbytes
Page   6 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description DC-DC Constant Current Step-Down LED driver

LDD-300LW Datasheet (PDF)

Go To PDF Page Download Datasheet
LDD-300LW Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # LDD-300LW
Download  LDD-300LW Click to download

File Size   149.16 Kbytes
Page   6 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description DC-DC Constant Current Step-Down LED driver

LDD-300LW Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


LDD-300LW Product details

Features :
• DC/DC step-down converter
• Constant current output: 300mA to 700mA
• Wide input voltage: 9 ~ 36VDC
• Wide output LED string voltage: 2 ~ 32VDC
• High efficiency up to 95%
• Built-in EMI filter, comply with EN55015 and FCC part15 without
    additional input filter and capacitors
• Built-in PWM and remote ON/OFF control
• Protections: Short circuit / Over temperature
• Cooling by free air convection
• Fully encapsulated with IP67 level for pin and wire style
• Non-potted, optional conformal coating for SMD style
    (Order No. : LDD-350 LSC)
• Compact size
• Low cost, high reliability
• Suitable for driving illumination LED
• 3 years warranty
   




Similar Part No. - LDD-300LW

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LDD-300LW MEANWELL-LDD-300LW Datasheet
160Kb / 3P
DC-DC Constant Current LED driver
More results


Similar Description - LDD-300LW

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LDD-H MEANWELL-LDD-H Datasheet
237Kb / 2P
DC-DC Constant Current LED driver
LDD-L MEANWELL-LDD-L Datasheet
185Kb / 2P
DC-DC Constant Current LED driver
LDD-H_1110 MEANWELL-LDD-H_1110 Datasheet
239Kb / 3P
DC-DC Constant Current LED driver
LDD-H-DA MEANWELL-LDD-H-DA Datasheet
106Kb / 4P
DC-DC Constant Current Step-Down LED driver with DALI
LDH-25 MEANWELL-LDH-25 Datasheet
591Kb / 6P
DC-DC Step-Up Constant Current LED driver
logo
Shenzhen Huazhimei Semi...
HM2806 HMSEMI-HM2806 Datasheet
415Kb / 5P
PWM/PFM control DC-DC step-down constant current driver
logo
Mean Well Enterprises C...
LDDS-H MEANWELL-LDDS-H Datasheet
108Kb / 5P
DC-DC Constant Current Step-Down LED driver
LDH-65 MEANWELL-LDH-65 Datasheet
597Kb / 6P
DC-DC Step-Up Constant Current LED driver
NLDD-H MEANWELL-NLDD-H Datasheet
595Kb / 6P
DC-DC Constant Current Step-Down LED driver
LDD-H-SPEC MEANWELL-LDD-H-SPEC Datasheet
1Mb / 6P
DC-DC Constant Current Step-Down LED driver
2022-05-24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com