Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDD-300LW Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # LDD-300LW
Description  DC-DC Constant Current Step-Down LED driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LDD-300LW Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  LDD-300LW Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LDD-300LW Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LDD-300LW Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LDD-300LW Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LDD-300LW Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LDD-300LW Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
65%
70%
75%
80%
85%
90%
95%
100%
12
34
567
89
10
300 mA
350 mA
500 mA
600 mA
700 mA
1000 mA
1200 mA
1500 mA
70%
75%
80%
85%
90%
95%
100%
1234567
300mA
350mA
500mA
600mA
700mA
1000mA
1200mA
1500mA
70%
75%
80%
85%
90%
95%
100%
12
3
300mA
350mA
500mA
600mA
700mA
1000mA
1200mA
1500mA
DC-DC Constant Current Step-Down LED driver
LDD-L series
Efficiency VS Output Voltage(Number of LEDs)
Fig-1
12VDC input, 1~3 LEDs(Vf=3V)
Fig-2
24VDC input, 1~7 LEDs(Vf=3V)
Fig-3
36VDC input, 1~10 LEDs(Vf=3V)
Output Voltage(LEDs)
Output Voltage(LEDs)
Output Voltage(LEDs)
File Name:LDD-L-SPEC 2020-10-30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com