Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDD-300LW Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # LDD-300LW
Description  DC-DC Constant Current Step-Down LED driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LDD-300LW Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  LDD-300LW Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LDD-300LW Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LDD-300LW Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LDD-300LW Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LDD-300LW Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LDD-300LW Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BOTTOM
VIEW
BOTTOM
VIEW
1
1
3
3
4
4
5
6
7.62 [0.30]
3.81 [ 0.15 ]
ψ0.60
2.54 [0.10]
9.9 [0.39]
SIDE
VIEW
SIDE
VIEW
8.9 [0.35]
Pin No.
Pin No.
Pin No.
1
1
7,8
9,10
4
16
5
others
6
3
14
1
3
4
5
6
+Vin
+Vin
+Vout
-Vout
-Vin
-Vin
-Vout
N.C
+Vout
PWM DIM
PWM DIM
+Vin
(Red)
PWM DIM
(White)
-Vin
(Black)
-Vout
(Blue)
+Vout
(Yellow)
Comment
Comment
Comment
DC Supply
DC Supply
LED + Connection
LED - Connection
Don't connect to -Vout
Don't connect to -Vout
LED - Connection
LED - Connection
LED + Connection
ON/OFF and PWM Dimming
(Leave open if not used)
ON/OFF and PWM Dimming
(Leave open if not used)
DC Supply
ON/OFF and PWM Dimming
(Leave open if not used)
Don't connect to -Vout
LED - Connection
LED + Connection
Mechanical Specification
Pin Configuration
9.9 [0.39]
52mm
±
5
6
100 10mm
±
8.9 [0.35]
4
5
Unit: mm (inch)
Blank type(LDD-
-
-
300~700L):
300~700LW):
300~700LS):
W type(LDD
S type(LDD
NOTE: Pin tolerance 0.05mm
±
NOTE: All wires UL3385 22AWG
DC-DC Constant Current Step-Down LED driver
LDD-L series
10.50 [0.41]
17.78 [0.70]
0.6 [0.023] 2.54 [0.10]
25.4 [1.00]
12.8 [0.50]
9.3 [0.36]
8
16
9
BOTTOM VIEW
SIDE VIEW
14
10
7
0.25 [0.01]
0.65 [0.02]
A
A
1
File Name:LDD-L-SPEC 2020-10-30
2.54mm
1.54[0.06]
1.54[0.06]
TOP VIEW
17
8
2.54[0.1]
9
10
14
16
Recommended PCB layout (for LDD-300~700LS)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com