Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL21G Datasheet(PDF) 29 Page - Advanced Semiconductor Business Inc.

Part # ASL21G
Description  Low Noise GPS, GLONASS, Galileo,Compass Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL21G Datasheet(HTML) 29 Page - Advanced Semiconductor Business Inc.

Back Button ASL21G Datasheet HTML 25Page - Advanced Semiconductor Business Inc. ASL21G Datasheet HTML 26Page - Advanced Semiconductor Business Inc. ASL21G Datasheet HTML 27Page - Advanced Semiconductor Business Inc. ASL21G Datasheet HTML 28Page - Advanced Semiconductor Business Inc. ASL21G Datasheet HTML 29Page - Advanced Semiconductor Business Inc. ASL21G Datasheet HTML 30Page - Advanced Semiconductor Business Inc. ASL21G Datasheet HTML 31Page - Advanced Semiconductor Business Inc. ASL21G Datasheet HTML 32Page - Advanced Semiconductor Business Inc. ASL21G Datasheet HTML 33Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
29/35
ASB Inc.
 sales@asb.co.kr
January 2017
ASL21G
9.2 Typical Performance
Test conditions : T = +25
C, Vsupply = +2 V, +2.5 V, +3 V, +3.6 V, CW, ZO = 50 
Parameters
Test Conditions
+2 V
+2.5 V
+3 V
+3.6 V
Units
Operation Frequency
433
433
433
433
MHz
Small Signal Gain
Pin = -40 dBm
24
25
25.5
26
dB
Input Return Loss
Pin = -40 dBm
-13
-12
-12
-10
dB
Output Return Loss
Pin = -40 dBm
-10
-10
-10
-10
dB
Input Third-Order
Intercept Point
Two tones
at 432.5 MHz and 433.5 MHz
Pout = -15 dBm per tone
-7.5
-7.5
-7
-6.5
dBm
Noise Figure
1.8
1.8
1.8
1.8
dB
Output P1dB
4.0
6.0
7.5
9.5
dBm
Supply Current
6
7
9
11
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com