Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL21G Datasheet(PDF) 17 Page - Advanced Semiconductor Business Inc.

Part # ASL21G
Description  Low Noise GPS, GLONASS, Galileo,Compass Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL21G Datasheet(HTML) 17 Page - Advanced Semiconductor Business Inc.

Back Button ASL21G Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL21G Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL21G Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL21G Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASL21G Datasheet HTML 17Page - Advanced Semiconductor Business Inc. ASL21G Datasheet HTML 18Page - Advanced Semiconductor Business Inc. ASL21G Datasheet HTML 19Page - Advanced Semiconductor Business Inc. ASL21G Datasheet HTML 20Page - Advanced Semiconductor Business Inc. ASL21G Datasheet HTML 21Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
17/35
ASB Inc.
 sales@asb.co.kr
January 2017
ASL21G
6.2 Typical Performance
Test conditions : T = +25
C, Vsupply = +3 V, CW, ZO = 50 
Parameters
Test Conditions
Units
Operation Frequency
1575
MHz
Small Signal Gain
50
source with input match
Pin = -40 dBm
24.0
dB
Input Return Loss
Pin = -40 dBm
-10
dB
Output Return Loss
Pin = -40 dBm
-12
dB
Input Third-Order
Intercept Point
Two tones at 1574.5 MHz and
1575.5 MHz
Pout = -20 dBm per tone
-8
dBm
Noise Figure
0.70
dB
Output P1dB
0
dBm
Supply Current
11
mA
Control Current
300
A
Power ON/OFF1)
+3.0
V
1) Power ON Voltage = 0.5 V < VCTL < 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com