Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL21X Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASL21X
Description  Low Noise GPS, GLONASS, Galileo and Compass Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL21X Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASL21X Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2/23
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
January 2017
ASL21X
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
1)
Power On
VCTL Voltage = 0.5 V < VCTL < 5
Parameters
Units
Min
Typ
Max
Frequency
MHz
1575
Gain
dB
18
20.5
22
S11
dB
-12
-6
S22
dB
-12
-9
Noise Figure
dB
0.70
Supply Current
mA
4
6
8
Supply Voltage
V
+1.8
Control Voltage VCTL
1)
V
+1.8
Pin No.
Function
1
RFIN
2,5
GND
3
Enable
4
RFOUT & Bias
6
NC (Not connected)
Parameters
Rating
Operating Case Temperature
-40 to
105 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50ohm matched)*
+22 dBm
Absolute Maximum Ratings
Product Specifications
Pin Configuration
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com