Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL21X Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL21X
Description  Low Noise GPS, GLONASS, Galileo and Compass Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL21X Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL21X Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
January 2017
ASL21X
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
1) IIP3 is measured with two tones at an input power of -40 dBm/tone separated by 1 MHz
2) IIP3 is measured with two tones at an input power of -30 dBm/tone separated by 1 MHz
3) IIP3 is measured with two tones at an input power of -35 dBm/tone separated by 1 MHz
1) IIP3 is measured with two tones at an input power of -40 dBm/tone separated by 1 MHz
(Supply Voltage = +1.8 ~ +5.0 V, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Testing Frequency
MHz
1575
1575
1575
2450
2450
2450
2450
2338
Gain
dB
18
20.5
21.5
21.5
21.0
13
20.0
22.0
S11
dB
-8
-15
-10
-15
-15
-12
-18
-11
S22
dB
-12
-12
-12
-10
-12
-10
-10
-14
Input IP3
dBm
-201)
-181)
-121)
-101)
-131)
52)
-111)
-33)
Noise Figure
dB
1.10
0.70
0.60
0.80
0.85
0.95
0.85
0.70
Output P1dB
dBm
-10
-5
-2
0
-1
6
-2
3
Supply Current
mA
2.0
6.0
11.0
11.0
11.0
11.0
10.0
23.0
Supply Voltage
V
+1.8
+1.8
+3.0
+3.0
+3.0
+3.0
+3.3
+5.0
Control Current
A
300
300
300
300
-
300
300
-
Control Voltage VCTL
V
+1.8
+1.8
+3.0
+3.0
-
+3.0
+3.3
-
Robust ESD(
10kV)
Parameters
Units
Typical
Testing Frequency
MHz
1575
1575
Gain
dB
20.0
23.0
S11
dB
-12
-12
S22
dB
-10
-15
Input IP3
dBm
-151)
-101)
Noise Figure
dB
1.1
1.0
Output P1dB
dBm
-5
-1
Supply Current
mA
6.0
11.0
Supply Voltage
V
+1.8
+3.0
Control Current
A
300
300
Control Voltage VCTL
V
+1.8
+3.0
 GPS, GLONASS, Galileo and
Compass LNA
 20.5 dB Gain at 1575 MHz
 0.7 dB NF at 1575 MHz
 Power ON/OFF Function.
 Supply Voltage = +1.8 ~ +5.0 V
Features
Description
Package Style: SOT363
Typical Performance
ASL21X is an LNA for GPS, GLONASS, Galileo,
Compass and XM in mobile equipment which
requires lower current and lower noise. Power
saving function is built in. Low noise performance is
kept over the wide range of power enable voltage
and DC power supply voltage.
Application Circuit
GPS/GLONASS/Galileo/Compass
 1559 ~ 1610MHz (1.8V, 6mA,
Robust ESD,
10 kV)
 1559 ~ 1610MHz (3.0V, 11mA,
Robust ESD,
10 kV)
 1559 ~ 1610MHz (1.8V, 2mA)
 1559 ~ 1610MHz (1.8V, 6mA)
 1559 ~ 1610MHz (3.0V, 4mA ,
Robust ESD,
3 kV)
 1559 ~ 1610MHz (3.0V, 11mA,
Robust ESD,
3 kV)
 1559 ~ 1610MHz (3V, 5mA,
without Power ON/OFF Function)
 1559 ~ 1610MHz (3V, 11mA)
 1164 ~ 1300 MHz (3V, 11mA)
 1550 ~ 1620 MHz (3V, 11mA)
 2400 ~ 2500 MHz (3V, 11mA)
 2400 ~ 2500 MHz (3V, 11mA,
without Power ON/OFF Function)
 2400 ~ 2500 MHz (3V, 11mA,
Gain 13dB)
 2400 ~ 2480 MHz (3.3V, 10mA)
 XM (5V, 23mA, without Power
ON/OFF Function)
 XM (5V, 23mA, Low Gain,
without Power ON/OFF Function)


Similar Part No. - ASL21X

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL21X ASB-ASL21X Datasheet
1Mb / 14P
Medium Gain, Low Noise GPS Amplifier
July 2012
More results

Similar Description - ASL21X

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL20G ASB-ASL20G_13 Datasheet
710Kb / 10P
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
September 2013
logo
Skyworks Solutions Inc.
SKY65623-682LF SKYWORKS-SKY65623-682LF_17 Datasheet
644Kb / 9P
GPS/GLONASS/Galileo/Compass Low-Noise Amplifier
logo
Advanced Semiconductor ...
ASL20G ASB-ASL20G_17 Datasheet
1Mb / 16P
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
March 2017
ASL21G ASB-ASL21G Datasheet
3Mb / 35P
Low Noise GPS, GLONASS, Galileo,Compass Amplifier
January 2017
logo
NXP Semiconductors
BGU8011 NXP-BGU8011 Datasheet
331Kb / 19P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-14 May 2013
BGU8103 NXP-BGU8103 Datasheet
113Kb / 12P
SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 3-18 January 2017
BGU6005 NXP-BGU6005 Datasheet
118Kb / 10P
Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 2-31 January 2017
BGU8004 NXP-BGU8004 Datasheet
282Kb / 18P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-31 January 2014
GPS1502L NXP-GPS1502L Datasheet
195Kb / 15P
SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 5 ??22 March 2019
BGU6009 NXP-BGU6009 Datasheet
154Kb / 10P
Low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 4 ??18 January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com