Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL033 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL033
Description  MMIC Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL033 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL033 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASL033
5 ~ 4000 MHz MMIC Amplifier
(Supply Voltage = Device Voltage, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
40
170
240
470
860
1575
Gain
dB
17.0
16.6
15.5
14.6
14.2
15.5
S11
dB
-11
-5
-4
-4
-10
-20
S22
dB
-20
-11
-10
-10
-10
-15
Output IP31)
dBm
201)
202)
182)
182)
202)
231)
Noise Figure
dB
1.1
1.1
1.2
1.2
1.1
1.3
Output P1dB
dBm
17.0
14.0
15.5
17.0
17.5
10.5
Current
mA
10
5
5
5
5
13
Device Voltage (V)
V
+3.3
+3.0
+3.0
+3.0
+3.0
+5.0
1) OIP3 is measured with two tones at an output power of -5 dBm/tone separated by 1 MHz.
2) OIP3 is measured with two tones at an output power of +0 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
470
Gain
dB
14.6
S11
dB
-4
S22
dB
-10
Output IP3
dBm
18
Noise Figure
dB
1.2
Output P1dB
dBm
17
Current
mA
5
Device Voltage (V)
V
+3.0
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage (V)
+5.5 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50
 matched)*
+20 dBm
Thermal Resistance
210
C/W
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Package Style: SOT-363
Features
Description
Typical Performance
Absolute Maximum Ratings
 14.6 dB Gain at 470 MHz
 17 dBm P1dB at 470 MHz
 18 dBm Output IP3 at 470 MHz
 1.2 dB NF at 470 MHz
 MTTF > 100 Years
 Single Supply
ASL033 is a one-stage LNA for mobile TV receiver
low noise block. It has a low noise, high gain, and
high linearity over a wide range of frequency up to 4
GHz. It is also suitable for use in the low noise am-
plifier block of mobile wireless systems. The ampli-
fier is available in a SOT363 package and passes
the stringent DC, RF, and reliability tests.
Application Circuit
 DVB-T (V, U band)
 DVB-T (V, U band) /
Contact ESD +4 kV
 DVB, CMMB
 DVB-T (V, U band), 75
Ω
 10 ~ 88 MHz
 ATSC (40 ~ 900 MHz)
 TETRA
 434 MHz
 1450 ~ 1500 MHz
 GPS
Product Specifications
Package Style: SOT363
Pin Configuration
Pin No.
Function
1
RF IN
4
RF OUT & Bias
2,3,5,6
GND


Similar Part No. - ASL033

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL033 ASB-ASL033 Datasheet
901Kb / 17P
5-4000 MHz MMIC Amplifier
January 2012
ASL033 ASB-ASL033_13 Datasheet
583Kb / 20P
5 ~ 4000 MHz MMIC Amplifier
August 2013
More results

Similar Description - ASL033

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMA3117 ONSEMI-SMA3117 Datasheet
643Kb / 7P
MMIC Amplifier
August, 2013
logo
RF Micro Devices
SBW5089Z RFMD-SBW5089Z Datasheet
657Kb / 7P
MMIC AMPLIFIER
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C_17 Datasheet
965Kb / 13P
MMIC Amplifier
April 2017
ASW105 ASB-ASW105_17 Datasheet
858Kb / 7P
MMIC Amplifier
April 2017
ASW204 ASB-ASW204_17 Datasheet
1Mb / 16P
MMIC Amplifier
April 2017
ASW205 ASB-ASW205 Datasheet
1Mb / 17P
MMIC Amplifier
April 20173
ASW212 ASB-ASW212 Datasheet
1Mb / 11P
MMIC Amplifier
April 2017
ASW215 ASB-ASW215_17 Datasheet
956Kb / 9P
MMIC Amplifier
April 2017
ASW314 ASB-ASW314 Datasheet
1Mb / 23P
MMIC Amplifier
February 2017
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
MMIC AMPLIFIER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com