Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL033 Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASL033
Description  MMIC Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL033 Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASL033 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13/21
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASL033
5 ~ 4000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of
–5 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
Frequency (MHz)
6
10
Magnitude S21 (dB)
18.3
18.2
Magnitude S11 (dB)
-9
-9
Magnitude S22 (dB)
-14
-14
Output P1dB (dBm)
17
17
Output IP31) (dBm)
18.5
18.5
Noise Figure (dB)
-
1.45
Device Voltage (V)
+3.3
+3.3
Current (mA)
10
10
APPLICATION CIRCUIT
IF
6 ~ 10 MHz
+3.3 V
RF OUT
ASL033
RF IN
Vs=3.3 V
R1=750
C4=1
F
C3=1
F
L1=27

C1=1
F
C2=1
F
0
10
20
30
40
50
-30
-25
-20
-15
-10
-5
0
5
Frequency (MHz)
0
10
20
30
40
50
0
5
10
15
20
25
Frequency (MHz)
0
10
20
30
40
50
-30
-25
-20
-15
-10
-5
0
5
Frequency (MHz)
0
20
40
60
80
100
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com