Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL33C Datasheet(PDF) 8 Page - Advanced Semiconductor Business Inc.

Part # ASL33C
Description  Low Current, Low Noise Amplifier MMIC over DC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL33C Datasheet(HTML) 8 Page - Advanced Semiconductor Business Inc.

Back Button ASL33C Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL33C Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL33C Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL33C Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL33C Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL33C Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL33C Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL33C Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL33C Datasheet HTML 12Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8/15
ASB Inc.
 sales@asb.co.kr
April 2017
ASL33C
4. Application: 800 ~ 2700 MHz (Wide Band, Vsupply = +5 V)
4.1
Application Circuit & Evaluation Board
C1
C2
C4
C5
L1
R1
C3
R2
L2
ASL33C
RF IN
RF OUT
Vsupply = +5 V
Bill of Material
Symbol
Value
Size
Description
Manufacturer
ASL33C
-
-
MMIC Amplifier
ASB
C1, C2
82 pF
0603
DC blocking capacitor
Murata
C3
100 pF
0603
Feedback capacitor
Murata
C4
100 pF
0603
Decoupling capacitor
Murata
C5
1
F
0603
Decoupling capacitor
Murata
L1
56 nH
0603
RF choke inductor
Murata
L2
27 nH
0603
Matching inductor
Murata
R1
1.1 k

0603
Feedback resistor
Samsung
R2
24
0603
Voltage drop resistor
Samsung
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-363-A7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com