Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL33C Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # ASL33C
Description  Low Current, Low Noise Amplifier MMIC over DC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL33C Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button ASL33C Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL33C Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL33C Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL33C Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL33C Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL33C Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL33C Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL33C Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL33C Datasheet HTML 15Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12/15
ASB Inc.
 sales@asb.co.kr
April 2017
ASL33C
6. Application: 50 ~ 1000 MHz (CATV, FTTH, 75 ohm, Vsupply = +3 V)
6.1
Application Circuit & Evaluation Board
C1
C2
C3
C4
C5
L1
L2
L3
L4
R1
R2
R3
ASL33C
RF IN
RF OUT
Vdevice = +3 V
Bill of Material
Symbol
Value
Size
Description
Manufacturer
ASL33C
-
-
MMIC Amplifier
ASB
C1, C2
10 nF
0603
DC blocking capacitor
Murata
C3
1
F
0603
Feedback capacitor
Murata
C4
100 pF
0603
Decoupling capacitor
Murata
C5
10
F
0805
Decoupling capacitor
Murata
L1
820 nH
0603
RF choke inductor
Murata
L2
8.2 nH
0603
Matching inductor
Murata
L3
6.8 nH
0603
Matching inductor
Murata
L4
39 nH
0603
Feedback inductor
Murata
R1
820

0603
Feedback resistor
Samsung
R2
360
0603
Feedback resistor
Samsung
R3
47 k
0603
Current adjust resistor
Samsung
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-363-B4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com