Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14408 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14408
Description  Complete Baseband Processor for DECT Handsets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14408 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  SC14408 Datasheet HTML 1Page - National Semiconductor (TI) SC14408 Datasheet HTML 2Page - National Semiconductor (TI) SC14408 Datasheet HTML 3Page - National Semiconductor (TI) SC14408 Datasheet HTML 4Page - National Semiconductor (TI) SC14408 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SC14408
Complete Baseband Processor for DECT Handsets
General Description
The SC14408 is a CMOS chip optimized to handle all the
audio, signal and data processing needed within a DECT
(1.9GHz) or in the 2.4GHz ISM digital band handset. An
ADPCM transcoder, a very low power CODEC and Ana-
log Frontend is integrated. Direct connections towards mi-
crophone and a (dynamical) loudspeaker are provided.
Duplex quality handsfree operation is integrated.
The SC14408 is designed to fit to any radio design.
A dedicated TDMA controller handles all physical layer
slot formats and radio control.
National
Semiconductors
standard
CompactRISCTM
CR16B 16 bit microcontroller takes care of all the higher
protocol stack.
Features
I Integrated DECT Baseband transceiver optimized for
GAP handsets according to ETS 300 175-2, 175-3 &
175-8.
I Two on board low drop voltage regulators with 2.5V and
3.0- 3.8V (with external resistors the voltage can be de-
termined) output.
I 2V upto 3.6V battery input with onboard step up con-
verter.
I Advanced battery management unit
I Very low power in active and paging mode.
I Embedded 16 bit CompactRISCTM Micro Controller.
(CR16B) with programmable clock speeds.
I 384 kbyte Flash.
I ACCESSBUSTM or MICROWIRETM interfaces
I 6 kilobyte on-chip Data Memory.
I One full duplex ADPCM transcoder.
I On-chip 14-bit linear CODEC.
I 14 upto 44 dB gain differential microphone input buffer.
I 80
Ω loudspeaker driver.
I Software controlled gain on audio input and output.
I Peak hold ADC for RSSI measurement.
I Five general purpose inputs can be multiplexed on an
8 bit ADC with selectable ranges.
I On-chip dedicated TDMA instruction co-processor
which supports DECT and ISM-bands providing 1.152
Mb/s, 1.024 Mb/s, 0.576 Mb/s, 0.512 Mb/s, 0.288 Mb/s
and 0.256 Mb/s.
I Seven programmable control signals for radio front
end.
I Full and double slot, protected and unprotected B-
fields.
I Duplex quality handsfree operation.
I Tone generator. Tones consisting of 3 frequencies can
be programmed
I Linear PCM interface for external codec.
I ISM band support with 8/9 x 10.368 Mc xtal = 9.216 Mc
I On chip LCD controller (6X30 segments)
Note: ACCESSBUSTM, MICROWIRETM and CompactRISCTM are trade-
marks of National Semiconductor Corporation.
________________________________________________________________________________________________
System Diagram
V 1.0
May 2001
© 2001 National Semiconductor Corporation
www.national.com


Similar Part No. - SC14408

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SC14402 NSC-SC14402 Datasheet
78Kb / 7P
Complete Baseband Processor for DECT Handsets
SC14402CRVJG NSC-SC14402CRVJG Datasheet
78Kb / 7P
Complete Baseband Processor for DECT Handsets
SC14402CVJG NSC-SC14402CVJG Datasheet
78Kb / 7P
Complete Baseband Processor for DECT Handsets
SC14402RVJG NSC-SC14402RVJG Datasheet
78Kb / 7P
Complete Baseband Processor for DECT Handsets
SC14402VJG NSC-SC14402VJG Datasheet
78Kb / 7P
Complete Baseband Processor for DECT Handsets
More results

Similar Description - SC14408

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SC14402 NSC-SC14402 Datasheet
78Kb / 7P
Complete Baseband Processor for DECT Handsets
SC14422 NSC-SC14422 Datasheet
82Kb / 7P
Complete Baseband Processor for DECT Base Stations
logo
NXP Semiconductors
PCD5090 PHILIPS-PCD5090 Datasheet
95Kb / 16P
DECT baseband controllers
1996 Oct 17
PCD5092 PHILIPS-PCD5092 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5094 PHILIPS-PCD5094 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5095 PHILIPS-PCD5095 Datasheet
83Kb / 16P
DECT baseband controller
1997 Nov 19
logo
National Semiconductor ...
SC14404 NSC-SC14404 Datasheet
175Kb / 6P
Complete Baseband Processor for DECT Handsets
SC14425 NSC-SC14425 Datasheet
78Kb / 5P
Complete Baseband processor for DECT Base Stations with Caller-id and Handsfree
SC14428 NSC-SC14428 Datasheet
113Kb / 6P
Baseband Processor for FP & PP DECT and WDCT
SC14405 NSC-SC14405 Datasheet
118Kb / 5P
Complete Baseband Processor for DECT Handsets with onchip Flash and LCD controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com