Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14408 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14408
Description  Complete Baseband Processor for DECT Handsets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14408 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  SC14408 Datasheet HTML 1Page - National Semiconductor (TI) SC14408 Datasheet HTML 2Page - National Semiconductor (TI) SC14408 Datasheet HTML 3Page - National Semiconductor (TI) SC14408 Datasheet HTML 4Page - National Semiconductor (TI) SC14408 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
,
2
www.national.com
1.0 Pin type definitions
AVD
VDDRF
LDO1_CTRL
LDO1_sense
DC_stab
AVS
CAP
PD1/P3[1]
PD5/P3[5]
PD4/P3[4]
PD3/P3[3]
PD2/P3[2]
Xtal1
RFCLK
RSSI
VSS
TDO
CMPREF
RDI
LE
VDD
P2[5] / SDA1
P2[0] / PWM0
P2[1] / PCM_DI / PWM1
P2[2] / ADC0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
SC14406BxxVV
P1[6] / PON
P1[7] / CHARGE
P2[4] / SCL1
P2[3] / PCM_D0 / ADC1
AVS_sense
DC_I
DC_Sense
14-03-2001
ADC3 (battery current)
stop_charge/P2[6]
VDD
VSS
VBAT3
P2[7] / DC_CTRL
VSSRF
PD7/P3[7]
SC14408B80VV
SC14408B80VD
SC14406BxxVD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com