Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCWN03 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SCWN03
Description  3W DIP Package DC-DC Regulated Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCWN03 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SCWN03 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCWN03 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCWN03 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCWN03 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
■ Model Encoding
DIP24 package with industry standard pinout
2:1 wide input range
Operating temperature range -40 ~ +90℃
No minimum load required
Comply to EN55032 radiated Class A without additional
components
High efficiency up to 87%
Protections: Short circuit (Continuous) / Overload /
Input under voltage
3KVDC I/O isolation
3 years warranty
■ Features
File Name:SCWN03,DCWN03-SPEC 2017-03-06
■ Applications
■ Description
S
and D
series are W isolated and
module type DC-DC converter with IP
CWN03
CWN03
3
regulated
D 24
package. It features international standard pins, a high efficiency up to 8 %,
working temperature
7
wide
range -40~+, KVDC I/P-O/P isolation voltage,
90
3
Compliance to EN55032 radiated Class A without
℃
additional components
additional components,
, continuous-mode short circuit protection, etc. The
models
account for different input voltage
and various
4.5~9V, 9~18V, 18~36V and 36~72V 2:1 wide input range,
output voltage, . /5V/12V/15V
single output and ±5V/±12V/±15V
dual outputs, which are suitable
33V
for
for
for all kinds of systems, uch as industrial control, telecommunication field, distributed power architecture,
s
and so on.
Output voltage (3 3 5
5
. / / /
± /± /±
12 15Vdc
12 15Vdc)
,
Rated wattage
Input voltage (
)
E: 4.5~9Vdc A: 9~18Vdc B: 18~36Vdc C: 36~72Vdc
,,
,
Series name
- 12
S CWN03 E
S:Single output
D:Dual output
{
3W DIP Package DC-DC Regulated Converter
SCWN03 & DCWN03 series
Telecom datacom system
/
Wireless network
Industrial control facility
Instrument
Analyzer
Detector
Data switch


Similar Part No. - SCWN03

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCWN03W8 MEANWELL-SCWN03W8 Datasheet
253Kb / 6P
3W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
2025-07-17
SCWN03W8-03 MEANWELL-SCWN03W8-03 Datasheet
253Kb / 6P
3W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
2025-07-17
SCWN03W8-05 MEANWELL-SCWN03W8-05 Datasheet
253Kb / 6P
3W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
2025-07-17
SCWN03W8-12 MEANWELL-SCWN03W8-12 Datasheet
253Kb / 6P
3W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
2025-07-17
SCWN03W8-15 MEANWELL-SCWN03W8-15 Datasheet
253Kb / 6P
3W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
2025-07-17
More results

Similar Description - SCWN03

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Delta Electronics, Inc.
DE03S DELTA-DE03S Datasheet
211Kb / 4P
3W DC/DC CONVERTER, DIP-Package
DE03S0503A DELTA-DE03S0503A Datasheet
214Kb / 5P
3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
DC/DC CONVERTER 3W, DIP Package
MIAR03 MINMAX-MIAR03_15 Datasheet
610Kb / 4P
DC/DC CONVERTER 3W, DIP-Package
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
DC/DC CONVERTER 3W, DIP-Package
logo
Mean Well Enterprises C...
SLC03 MEANWELL-SLC03 Datasheet
103Kb / 4P
3W DIP Package DC-DC Regulated Converter
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
3W SIP Package DC-DC Regulated Converter
SCW20 MEANWELL-SCW20 Datasheet
111Kb / 5P
20W DIP Package DC-DC Regulated Converter
MDS03 MEANWELL-MDS03 Datasheet
95Kb / 5P
3W DIP Package DC-DC Medical Grade Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com