Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCWN03 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SCWN03
Description  3W DIP Package DC-DC Regulated Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCWN03 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SCWN03 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCWN03 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCWN03 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCWN03 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SCWN03E-03
SCWN03A-03
SCWN03B-03
SCWN03C-03
SCWN03E-05
SCWN03A-05
SCWN03B-05
SCWN03C-05
SCWN03E-12
SCWN03A-12
SCWN03B-12
SCWN03C-12
SCWN03E-15
SCWN03A-15
SCWN03B-15
SCWN03C-15
DCWN03E-05
DCWN03A-05
DCWN03B-05
DCWN03C-05
DCWN03E-12
DCWN03A-12
DCWN03B-12
DCWN03C-12
DCWN03E-15
DCWN03A-15
DCWN03B-15
DCWN03C-15
5V
(4.5 ~ 9V)
12V
(9 ~ 18V)
24V
(18 ~ 36V)
48V
(36 ~ 72V)
3.3V
3.3V
3.3V
3.3V
15V
±
15V
±
15V
±
15V
±
5V
5V
5V
5V
12V
12V
12V
12V
15V
15V
15V
15V
5V
±
5V
±
5V
±
5V
±
12V
±
12V
±
12V
±
12V
±
550mA
212mA
106mA
52mA
750mA
294mA
145mA
74mA
779mA
309mA
152mA
74mA
750mA
298mA
145mA
73mA
750mA
294mA
145mA
73mA
779mA
305mA
152mA
73mA
750mA
298mA
147mA
73mA
15mA
5mA
5mA
3mA
25mA
15mA
10mA
5mA
15mA
5mA
5mA
3mA
18mA
10mA
7.5mA
3mA
18mA
10mA
7.5mA
5mA
25mA
10mA
7.5mA
5mA
10mA
5mA
25mA
12mA
600mA
600mA
600mA
600mA
600mA
600mA
600mA
600mA
250mA
250mA
250mA
250mA
200mA
200mA
200mA
200mA
0 ~ 300mA
±
0 ~ 300mA
±
0 ~ 300mA
±
0 ~ 300mA
±
0 ~ 125mA
±
0 ~ 125mA
±
0 ~ 125mA
±
0 ~ 125mA
±
0 ~ 100mA
±
0 ~ 100mA
±
0 ~ 100mA
±
0 ~ 100mA
±
73%
78%
82%
78%
80%
80%
87%
87%
78%
84%
82%
84%
80%
85%
86%
86%
81%
82%
86%
87%
77%
84%
82%
85%
80%
85%
87%
87%
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
File Name:SCWN03,DCWN03-SPEC 2017-03-06
3W DIP Package DC-DC Regulated Converter
SCWN03 & DCWN03 series
EFFICIENCY
(TYP.)
* For each output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com