Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4505 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4505
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4505 Datasheet(HTML) 1 Page - Texas Instruments

  THS4505 Datasheet HTML 1Page - Texas Instruments THS4505 Datasheet HTML 2Page - Texas Instruments THS4505 Datasheet HTML 3Page - Texas Instruments THS4505 Datasheet HTML 4Page - Texas Instruments THS4505 Datasheet HTML 5Page - Texas Instruments THS4505 Datasheet HTML 6Page - Texas Instruments THS4505 Datasheet HTML 7Page - Texas Instruments THS4505 Datasheet HTML 8Page - Texas Instruments THS4505 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
DGK-8
DGN-8
D-8
www.ti.com
FEATURES
APPLICATIONS
1
2
3
4
8
7
6
5
VIN−
VIN+
VOCM
VS+
VOUT+
PD
VS−
VOUT−
RELATED DEVICES
DESCRIPTION
-
+
-
+
VOCM
12 Bit/80 MSps
IN
IN
5 V
Vref
5 V
VS
0.1
µF
10
µF
499
Ω
8.2 pF
1
µF
53.6
Ω
ADC
487
Ω
50
Ω
523
Ω
499
Ω
8.2 pF
24.9
Ω
24.9
Ω
THS4504
THS4505
SLOS363C – AUGUST 2002 – REVISED MARCH 2004
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
•
High Linearity Analog-to-Digital Converter
•
Fully Differential Architecture
Preamplifier
•
Bandwidth: 260 MHz
•
Wireless Communication Receiver Chains
•
Slew Rate: 1800 V/µs
•
Single-Ended to Differential Conversion
•
IMD3: -73 dBc at 30 MHz
•
Differential Line Driver
•
OIP3: 29 dBm at 30 MHz
•
Active Filtering of Differential Signals
•
Output Common-Mode Control
•
Wide Power Supply Voltage Range: 5 V,
±5 V,
12 V, 15 V
•
Input Common-Mode Range Shifted to Include
the Negative Power Supply Rail
•
Power-Down Capability (THS4504)
•
Evaluation Module Available
DEVICE(1)
DESCRIPTION
The THS4504 and THS4505 are high-performance
fully differential amplifiers from Texas Instruments.
THS4504/5
260 MHz, 1800 V/µs, VICR Includes VS-
The THS4504, featuring power-down capability, and
THS4500/1
370 MHz, 2800 V/µs, VICR Includes VS-
the THS4505, without power-down capability, set new
THS4502/3
370 MHz, 2800 V/µs, Centered VICR
performance standards for fully differential amplifiers
THS4120/1
3.3 V, 100 MHz, 43 V/µs, 3.7 nV
√Hz
with
unsurpassed
linearity,
supporting
12-bit
THS4130/1
±15 V, 150 MHz, 51 V/µs, 1.3 nV√Hz
operation through 40 MHz. Package options include
the
8-pin
SOIC
and
the
8-pin
MSOP
with
THS4140/1
±15 V, 160 MHz, 450 V/µs, 6.5 nV√Hz
PowerPAD™ for a smaller footprint, enhanced ac
THS4150/1
±15 V, 150 MHz, 650 V/µs, 7.6 nV√Hz
performance,
and
improved
thermal
dissipation
capability.
(1)
Even numbered devices feature power-down capability
APPLICATION CIRCUIT DIAGRAM
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
UNLESS OTHERWISE NOTED this document contains PRO-
Copyright © 2002–2004, Texas Instruments Incorporated
DUCTION DATA information current as of publication date. Prod-
ucts conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily
include testing of all parameters.


Similar Part No. - THS4505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4505 TI2-THS4505 Datasheet
1Mb / 51P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
REVISED MAY 2008
logo
National Semiconductor ...
THS4505D NSC-THS4505D Datasheet
1Mb / 45P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4505D TI2-THS4505D Datasheet
1Mb / 51P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
REVISED MAY 2008
THS4505D.A TI2-THS4505D.A Datasheet
1Mb / 51P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
REVISED MAY 2008
logo
National Semiconductor ...
THS4505DG4 NSC-THS4505DG4 Datasheet
1Mb / 45P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4502 TI-THS4502 Datasheet
609Kb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com