Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4505 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS4505
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4505 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4505 Datasheet HTML 17Page - Texas Instruments THS4505 Datasheet HTML 18Page - Texas Instruments THS4505 Datasheet HTML 19Page - Texas Instruments THS4505 Datasheet HTML 20Page - Texas Instruments THS4505 Datasheet HTML 21Page - Texas Instruments THS4505 Datasheet HTML 22Page - Texas Instruments THS4505 Datasheet HTML 23Page - Texas Instruments THS4505 Datasheet HTML 24Page - Texas Instruments THS4505 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
www.ti.com
V
OUT) +
V
IN)(1–β)–VIN–(1–β) ) 2VOCMβ
2
β
V
OUT– +
–V
IN)(1–β) ) VIN–(1–β) ) 2VOCMβ
2
β
(1)
(2)
V
N + VIN–(1–β) ) V OUT)β
Where:
β +
R
G
R
F ) RG
V
P + VIN)(1–β) ) VOUT–β
(3)
(4)
(5)
VOCM
+VS
VS
RS
Rg1
Rg2
Rf1
Rf2
+
−
RT
−
+
Application Circuit for the THS4500 and THS4501,
Featuring Single-Supply Operation With a
Ground-Referenced Input Signal
VOCM
Rg
Rg
Rf
Rf
+
−
−
+
Vp
Vn
VOUT−
VOUT+
VIN+
VIN−
Diagram For Input Common-Mode Range Equations
VOCM
+VS
VS
RS
Rg1
Rg2
Rf1
Rf2
+
−
RT
−
+
−VS
Application Circuit for the THS4500 and THS4501,
Featuring Split-Supply Operation With an Input
Signal Referenced at the Midrail
THS4504
THS4505
SLOS363C – AUGUST 2002 – REVISED MARCH 2004
NOTE:
Figure 75.
The equations denote the
device inputs as VN and
VP, and the circuit inputs
as VIN+ and VIN-.
Figure 77.
Table 1 and Table 2 show the input common-mode
Figure 76.
range requirements for two different input scenarios,
an input referenced around the negative rail and an
Equations 1-5 allow calculation of the required input
input referenced around midrail. The tables highlight
common-mode range for a given set of input con-
the differing requirements on input common-mode
ditions.
range, and illustrate reasoning for choosing either the
THS4500/1 or the THS4502/3. For signals referenced
The equations allow calculation of the input common-
around the negative power supply, the THS4500/1
mode range requirements given information about the
should be chosen since its input common-mode
input signal, the output voltage swing, the gain, and
range includes the negative supply rail. For all other
the output common-mode voltage. Calculating the
situations, the THS4502/3 offers slightly improved
maximum and minimum voltage required for VN and
distortion and noise performance for applications with
VP (the amplifier's input nodes) determines whether
input signals centered between the power supply
or not the input common-mode range is violated or
rails.
not. Four equations are required. Two calculate the
output voltages and two calculate the node voltages
at VN and VP (note that only one of these needs
calculation, as the amplifier forces a virtual short
between the two nodes).
Table 1. Negative-Rail Referenced
Gain (V/V)
VIN+ (V)
VIN- (V)
VIN (VPP)
VOCM (V)
VOD (VPP)
VNMIN (V)
VNMAX (V)
1
-2.0 to 2.0
0
4
2.5
4
0.75
1.75
2
-1.0 to 1.0
0
2
2.5
4
0.5
1.167
4
-0.5 to 0.5
0
1
2.5
4
0.3
0.7
8
-0.25 to 0.25
0
0.5
2.5
4
0.167
0.389
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com