Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM01-R-CAP-CF Datasheet(PDF) 2 Page - DDK Ltd.

Part # CM01-R-CAP-CF
Description  M12 Sized & Sealed Circular Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM01-R-CAP-CF Datasheet(HTML) 2 Page - DDK Ltd.

  CM01-R-CAP-CF Datasheet HTML 1Page - DDK Ltd. CM01-R-CAP-CF Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit:mm
http://www.ddknet.co.jp
CE04T Series
2
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○Plug and Jack Double-Ended Cable Assemblies
○Jack Single-Ended Cable Assemblies
○Plug Single-Ended Receptacle Assemblies
○Plug Cap (Metal)
○ Receptacle Cap (PVC)
○Receptacle Cap (Metal)
P/N
L
CM04TA-8DP8S-010
1m
CM04TA-8DP8S-030
3m
CM04TA-8DP8S-050
5m
P/N
L
CM04T-8DJ8P-0054
540
P/N
CM04T-8DPR8S-H-CF
P/N
CM01-P-CAP-CF
P/N
CM01-CAP
P/N
CM01-R-CAP-CF
Wiring Diagram
Jack conn.
Plug conn.
White
Brown
Green
Yellow
Black
Red
Blue
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
41.3
46
L
46
L
White
Brown
Green
Yellow
Black
Red
Blue
1
2
3
4
5
6
7
8
Wiring Diagram
Panel cut-out
(Thickness 2.5max.)
φ15.2
 0
 -0.2
Wiring Diagram
White
Brown
Green
Yellow
Gray
Pink
Blue
Red
1
2
3
4
5
6
7
8
Contact No.
3.5
18
10
2
with cap
300
17
M15×1.5Thread
M12×1Thread
8.7
14.3
M12×1Thread
13
6.9
M12x1Thread
・Double-ended cable assembly of a plug connector with socket contacts and a jack connector with pin contacts
・Single-ended cable assembly of a jack connector with pin contacts
・Cable Receptacle with socket contacts
Contact No.
Contact No.
Contact No.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com