Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM01-R-CAP-CF Datasheet(PDF) 1 Page - DDK Ltd.

Part # CM01-R-CAP-CF
Description  M12 Sized & Sealed Circular Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM01-R-CAP-CF Datasheet(HTML) 1 Page - DDK Ltd.

  CM01-R-CAP-CF Datasheet HTML 1Page - DDK Ltd. CM01-R-CAP-CF Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
CM04T Series(Overmolded Cable Assembly)
M12 Sized & Sealed Circular Connectors
RoHS
Compliant
RoHS
Compliant
・Various kinds of industrial devices (sensors, actuators)
・Measurement equipment, medical equipment, telecommunication equipment, OA equipment,
FA equipment, and other electrical and electronics equipment
・UL94V-0 insulator flammability rating
・Small size & high density : 8 positions/M12 size
・Overmold style cable assembly
Item
Plug
Jack
Plug Receptacle
Insulator
Plastic(UL94V-0) / Black
Contact
Copper Alloy / Gold Plating
Coupling ring
Zinc Alloy / Nickel Plating
Shell
Zinc Alloy / Nickel Plating
Nut
Zinc Alloy / Nickel Plating
O-ring
Synthetic rubber / Black
Synthetic rubber / Black
Rated Current
1.5A /contact
Rated Voltage
30V AC(r.m.s.) / 36V DC
Dielectric Withstanding Voltage
1,000V AC(r.m.s.) for 1 minute
Insulation Resistance
100M Ω min. at 250V DC
Operating Temperature Range
-40℃ to +85℃
Waterproof
IP67 when mated
Number of Contacts
8 (size : AWG 22)
Cable for plug & jack cable assembly
Shielded cable with 7conductors, AWG22
Wire for plug receptacle wire assembly UL1007, 0.3mm2
130327
Waterproof
IP 67
NECA 4202
Conforming
Standard
Size
M12
Lock Type
Threaded
Coupling
CM04T series is a overmolded cable
assembly with a connector developed for
the connection of various sensor devices.
The number of contacts is eight (8).
The mating screw is M12 and the connector
is small- sized design. Our products will be
suitable for a wide range of other electrical
and electronic applications as well. CM04T can be used in harsh environmental conditions,
having IP67 rated for protection against moisture, oil and dust.
◆ MATERIALS/FINISH
◆ SPECIFICATIONS
◆ FEATURES
◆ APPLICATIONS
◆ OUTLINE


Similar Part No. - CM01-R-CAP-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM01-R-CAP-CF DDK-CM01-R-CAP-CF Datasheet
311Kb / 5P
M12 Sized & Sealed Circular Connector
CM01-R-CAP-CF DDK-CM01-R-CAP-CF Datasheet
179Kb / 2P
M12 Sized & Sealed Circular Connectors
CM01-R-CAP-CF DDK-CM01-R-CAP-CF Datasheet
751Kb / 5P
M12 Sized & Sealed Circular Connector
CM01-R-CAP-CF DDK-CM01-R-CAP-CF Datasheet
797Kb / 6P
DeviceNet Micro-Style Connectors
More results

Similar Description - CM01-R-CAP-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02B DDK-CM02B_1 Datasheet
311Kb / 5P
M12 Sized & Sealed Circular Connector
CM04T DDK-CM04T Datasheet
179Kb / 2P
M12 Sized & Sealed Circular Connectors
CM08 DDK-CM08 Datasheet
178Kb / 2P
M8 Sized & Sealed Circular Connector
CM09 DDK-CM09 Datasheet
200Kb / 3P
One-Touch Locking Style Small Sized Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
One-Touch Locking Style Small Sized Circular Connectors
CM02BA-8DP4S-010 DDK-CM02BA-8DP4S-010 Datasheet
751Kb / 5P
M12 Sized & Sealed Circular Connector
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
One-Touch Locking Styled , Small Sized Circular Connectors
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
One-Touch Locking Style Small Sized Circular Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com