Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2382 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2382
Description  FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2382 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2382 Datasheet HTML 1Page - Texas Instruments TLV2382 Datasheet HTML 2Page - Texas Instruments TLV2382 Datasheet HTML 3Page - Texas Instruments TLV2382 Datasheet HTML 4Page - Texas Instruments TLV2382 Datasheet HTML 5Page - Texas Instruments TLV2382 Datasheet HTML 6Page - Texas Instruments TLV2382 Datasheet HTML 7Page - Texas Instruments TLV2382 Datasheet HTML 8Page - Texas Instruments TLV2382 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLV2381
TLV2382
SLOS377A – SEPTEMBER 2001– REVISED JULY 2003
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT
OPERATIONAL AMPLIFIERS
1
www.ti.com
FEATURES
D BiMOS Rail-to-Rail Input/Output
D Input Bias Current ... 1 pA
D High Wide Bandwidth ... 160 kHz
D High Slew Rate ... 0.1 V/µs
D Supply Current ... 7 µA (per channel)
D Input Noise Voltage ... 90 nV/√Hz
D Supply Voltage Range ... 2.7 V to 16 V
D Specified Temperature Range
– –40
°C to 125°C ... Industrial Grade
D Ultra-Small Packaging
– 5 Pin SOT-23 (TLV2381)
APPLICATIONS
D Portable Medical
D Power Monitoring
D Low Power Security Detection Systems
D Smoke Detectors
DESCRIPTION
The TLV238x single supply operational amplifiers
provide rail-to-rail input and output capability. The
TLV238x takes the minimum operating supply voltage
down to 2.7 V over the extended industrial temperature
range, while adding the rail-to-rail output swing feature.
The TLV238x also provides 160-kHz bandwidth from
only 7
µA. The maximum recommended supply voltage
is 16 V, which allows the devices to be operated from
(
±8 V supplies down to ±1.35 V) two rechargeable cells.
The combination of rail-to-rail inputs and outputs make
them good upgrades for the TLC27Lx family—offering
more bandwidth at a lower quiescent current. The offset
voltage is lower than the TLC27LxA variant.
To maintain cost effectiveness the TLV2381/2 are only
available in the extended industrial temperature range.
This means that one device can be used in a wide range
of applications that include PDAs as well as automotive
sensor interface.
All members are available in SOIC, with the singles in
the small SOT-23 package, duals in the MSOP.
SELECTION GUIDE
DEVICE
VS
[V]
IQ/ch
[
µA]
VICR
[V]
VIO
[mV]
IIB
[pA]
GBW
[MHz]
SLEW RATE
[V/
µs]
Vn, 1 kHz
[nV/
√Hz]
TLV238x
2.7 to 16
10
–0.2 to VS + 0.2
4.5
60
0.16
0.06
100
TLV27Lx
2.7 to 16
11
–0.2 to VS – 1.2
5
60
0.16
0.06
100
TLC27Lx
4 to 16
17
–0.2 to VS – 1.5
10/5/2
60
0.085
0.03
68
OPAx349
1.8 to 5.5
2
–0.2 to VS + 0.2
10
10
0.070
0.02
300
OPAx347
2.3 to 5.5
34
–0.2 to VS + 0.2
6
10
0.35
0.01
60
TLC225x
2.7 to 16
62.5
0 to VS – 1.5
1.5/0.85
60
0.200
0.02
19
NOTE: All dc specs are maximums while ac specs are typicals.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001–2003 Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLV2382

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2382 TI1-TLV2382 Datasheet
637Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2382 TI2-TLV2382 Datasheet
772Kb / 23P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
REVISED JULY 2003
TLV2382ID TI1-TLV2382ID Datasheet
663Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2382ID TI1-TLV2382ID Datasheet
637Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2382ID TI2-TLV2382ID Datasheet
772Kb / 23P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
REVISED JULY 2003
More results

Similar Description - TLV2382

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP196 AD-OP196 Datasheet
337Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV.B
logo
Texas Instruments
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com