Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2031-15T-SM-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2031-15T-SM-RPLF
Description  Miniature 2-Pole Gas Discharge Tube
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2031-15T-SM-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2031-15T-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2031-15T-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Fast acting
■ Small size
■ Stable breakdown throughout life
■ Designed to operate with TBU® devices
■ RoHS compliant* versions available
■
UL Recognized
Applications
■ Telecommunications
■ Industrial electronics
■ Avionics
Characteristics
2031-xxT-SM Series - Miniature 2-Pole Gas Discharge Tube
“TBU” is a registered trademark of Bourns, Inc. in the U.S., Taiwan and European Community.
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Characteristic
Model No.
2031-15T
2031-23T
2031-42T
Minimum DC Sparkover (100 V/s)
Throughout Service Life
60 V
185 V
360 V
Maximum Impulse Sparkover (1) (5k V 1.2/50 μs)
Throughout Service Life
500 V
650 V
850 V
Insulation Resistance (IR) ...................................... 50 / 100 V................................................................................> 109 Ω
Glow Voltage .......................................................... 10 mA......................................................................................~ 70 V
Arc Voltage ............................................................. >1 A.........................................................................................~ 10 V
Glow-Arc Transition Current ....................................................................................................................................< 0.5 A
Capacitance............................................................ 1 MHz......................................................................................< 1 pF
DC Holdover Voltage (Network Applied per ITU-T K.12)
2031-15T ........................................................... 52 V ........................................................................................< 150 ms
2031-23T ........................................................... 80 V ........................................................................................< 150 ms
2031-42T ........................................................... 135 V ......................................................................................< 150 ms
Service Life............................................................. 8/20 μs, 1 kA ...........................................................................2 operations
10/1000 μs, 1 kV, 100 A .........................................................50 operations
2/10 μs, 5 kV, 500 A ................................................................20 operations
10/700 μs, 6 kV, 150 A ............................................................10 operations
8/20 μs 250 A, 1.2/50 μs, 500 V (IEC 61643-21) ....................150 operations
600 V rms, 1 A, 0.2 s...............................................................5 operations
Operating and Storage Temperature,
Climatic Category (IEC 6068-1) 40 / 90 / 21............................................................................................................-40 °C to +90 °C
Notes:
•
UL Recognized component, UL File E153537.
• Surge polarity should be reversed between consecutive surges (+-+-).
• At delivery AQL 0.65 Level II, DIN ISO 2859.
• Bourns recommends reflowing surface mount devices per IPC/JEDEC J-STD-020 rev D.
Port Protection
GDT Device P/N
TBU® Device P/N
CanBus
2031-23T-SM-RPLF
TBU-CA065-100-WH
RS232
2031-23T-SM-RPLF
TBU-CA065-200-WH
RS422
2031-23T-SM-RPLF
TBU-CA065-200-WH
RS485
2031-23T-SM-RPLF
TBU-CA065-200-WH
RS485
2031-42T-SM-RPLF
TBU-CA085-200-WH
SDI
2031-23T-SM-RPLF
TBU-CA065-100-WH
VDSL
2031-15T-SM-RPLF
TBU-CA050-500-WH
Applications
Test Methods per ITU-T K.12, IEEE C62.31 and IEC 61643-311 GDT standards.
(1)
Impulse Sparkover voltage is defined as typical values of distribution.


Similar Part No. - 2031-15T-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2031-15T-SM-RPLF BOURNS-2031-15T-SM-RPLF Datasheet
236Kb / 2P
Miniature 2-Pole Gas Discharge Tube
2031-15T-SM-RPLF BOURNS-2031-15T-SM-RPLF Datasheet
235Kb / 2P
2031-xxT-SM Series - Miniature 2-Pole Gas Discharge Tube
2031-15T-SM-RPLF BOURNS-2031-15T-SM-RPLF Datasheet
309Kb / 2P
Miniature 2-Pole Gas Discharge Tube
More results

Similar Description - 2031-15T-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2031-23T-SM-RPLF BOURNS-2031-23T-SM-RPLF Datasheet
236Kb / 2P
Miniature 2-Pole Gas Discharge Tube
2031-23T-SM-RPLF BOURNS-2031-23T-SM-RPLF_11 Datasheet
235Kb / 2P
Miniature 2-Pole Gas Discharge Tube
2031-42T-SMLF BOURNS-2031-42T-SMLF Datasheet
235Kb / 2P
2031-xxT-SM Series - Miniature 2-Pole Gas Discharge Tube
2035-2037-09 BOURNS-2035-2037-09 Datasheet
323Kb / 2P
Miniature 2-Pole Gas Discharge Tube Automotive, aircraft, military electronics
2037-09-BLF BOURNS-2037-09-BLF Datasheet
323Kb / 2P
2035/2037 Series - Miniature 2-Pole Gas Discharge Tube
2035-09-B5LF BOURNS-2035-09-B5LF Datasheet
323Kb / 2P
2035/2037 Series - Miniature 2-Pole Gas Discharge Tube
2031-42T-SMLF BOURNS-2031-42T-SMLF_15 Datasheet
309Kb / 2P
Miniature 2-Pole Gas Discharge Tube
2027-07 BOURNS-2027-07_15 Datasheet
336Kb / 2P
2-Pole Gas Discharge Tube
2035-2037-09 BOURNS-2035-2037-09_15 Datasheet
416Kb / 2P
Miniature 2-Pole Gas Discharge Tube
2036-07 BOURNS-2036-07_16 Datasheet
426Kb / 3P
Miniature 3-Pole Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com