Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2031-15T-SM-RPLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2031-15T-SM-RPLF
Description  Miniature 2-Pole Gas Discharge Tube
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2031-15T-SM-RPLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2031-15T-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2031-15T-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2031 - xxT - SM - RP LF
Model Number Designator
Voltage
15 = 60 V
23 = 185 V
42 = 360 V
Surface Mount
Packaging Options
Blank = Bulk Packaging - 250 pcs./bag (Standard)
RP = Reelpack - 1,500 pcs./reel (Optional)
RP3 = Reelpack - 1,000 pcs./reel (Optional)
RoHS Compliant Option
Blank = Standard Product
LF = RoHS Compliant Product
How to Order
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
2031-xxT-SM Series - Miniature 2-Pole Gas Discharge Tube
Product Dimensions
REV. F 08/15
DIMENSIONS:
MM
(INCHES)
Packaging Specifications
-RP
Reel is 13 inches in diameter and 3/4 inch wide.
Recommended Pad Layout
-RP3
Reel is 13 inches in diameter and 11/16 inch wide.
4.00
(.158)
2.00
(.079)
8.00
(.315)
16.0
(.63)
1.75
(.069)
7.5
(.30)
12.00
(.473)
4.00
(.158)
12.00 ± 1.27
(.473 ± .050)
DIMENSIONS:
MM
(INCHES)
5.0 ± 0.3
(.197 ± .012)
4.4 ± 0.2
(.173 ± .008)
0.33 ± 0.1
(.013 ± .004)
0.51 ± 0.1
(.020 ± .004)
3.9
(.155)
1.3
(.050)
5.6
(.220)
Model
Standard Packaging Quantity
Bulk
(Bag)
Tray
Box
Reel
2031-xxT-SM
250
1000
2031-xxT-SM-RP
1500
2031-xxT-SM-RP3
1000
Unless otherwise specified, tolerances in decimals
are .X ± 0.3, .XX ± 0.15 for lengths in millimeters and ±1 ° for degrees.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com