Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2039-110-SM-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2039-110-SM-RPLF
Description  Precision, Fast Responding, High Voltage Gas Discharge Tube
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2039-110-SM-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2039-110-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2039-110-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
n
Leadless,surfacemountforeconomical
assembly
n
Lowcapacitanceandinsertionloss
n
Highsurgecurrentrating
n
Fastresponsetotransients
n
Compact“mini”size
n
RoHScompliant*versionavailable
Characteristics
2039-xxx-SMPrecision,FastResponding,HighVoltageGasDischargeTube
Test Methods per ITU-T K.12, IEEE C62.31 and IEC 61643-311 GDT standards.
Insulation Resistance (IR) ............................... 100 V ................................................................> 109 Ω
Arc Voltage ...................................................... 1 A.....................................................................~ 10 V
Glow-Arc Transition Current .......................................................................................................< 0.5 A
Capacitance..................................................... 1 MHz ...............................................................< 1 pF
DC Holdover Voltage (2) ................................... 135 V ................................................................< 150 ms
Max. Single Discharge (3)................................. 5 kA...................................................................> 1 operation
Impulse Discharge Current.............................. 2.5 kA, 8/20 µs(3) ...............................................> 10 operations
100 A, 10/1000 µs.............................................> 100 operations
10 A, 10/1000 µs ..............................................> 1500 operations
Alternating Discharge Current ......................... 2.5 Arms, 1 s.....................................................> 10 operations
Operating and Storage Temperature.......................................................................................... -55 to +85 °C
Climatic Category (IEC 60068-1)................................................................................................ 40/90/21
Notes:
• 2039-80 & 2039-110 UL Recognized
, file E313168 (UL 1449).
• Surface Mount (SM) parts may show a temporary increase in DCBD after the solder reflow process. Most devices will recover within 24 hours
time. It should be noted that there is no quality defect nor change in protection levels during the temporary change in DCBD.
• Sparkover limits after life +30/-25 %, IR >108 Ω.
• At delivery AQL 0.65 Level II, DIN ISO 2859.
• Bourns recommends reflowing surface mount devices per IPC/JEDEC J-STD-020 rev D.
(1)
Impulse Sparkover voltage is defined as typical values of distribution.
(2)
Network applied.
(3)
DC Sparkover may exceed +30/-25 % but will continue to protect without venting.
Characteristic
Model No.
2039-80-SM
2039-110-SM
DC Sparkover ± 20 % @ 100 V/s
800 V
1100 V
Impulse Sparkover (1) @ 1000V/μs
1250 V
1500 V
Bourns now offers miniature Surface Mount (SM) 2-electrode GDT surge protectors with sparkover voltage up to 1100 V. Compatible with
“pick and place” assembly systems and only 5 mm in diameter, the 2039 Series is ideal for board level protection of high bandwidth
applications such as xDSL, cable broadband and high speed Ethernet. The 2039 Series features high energy-handling capability, long and
stable life performance and low capacitance of less than 1 pF.
Bourns® GDTs are designed to prevent damage from transient disturbances by acting as a “crowbar” to create a short-to-ground circuit
during conduction. When an electrical surge exceeds the defined breakdown voltage level of the GDT, the device becomes ionized and
conduction takes place within a fraction of a microsecond. When the surge passes and system voltage returns to normal levels, the GDT
returns to its high-impedance (off) state.
How to Order
2039 - xx - SM - RP LF
Model Number Designator
Voltage (Divided by 10)
Surface Mount
Packaging Options
Blank = Bulk Packaging (Standard)
RP = Reelpack (Optional)
RP3 = Reelpack (Optional)
RoHS Compliant Option
Blank = Standard Product
LF = RoHS Compliant Product
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA: Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.


Similar Part No. - 2039-110-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2039-110-SM-RPLF BOURNS-2039-110-SM-RPLF Datasheet
272Kb / 2P
Precision, Fast Responding, High Voltage Gas Discharge Tube
More results

Similar Description - 2039-110-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2035-09-SM BOURNS-2035-09-SM Datasheet
156Kb / 2P
Precision Gas Discharge Tube Surge Protector
2036-07-SM BOURNS-2036-07-SM Datasheet
234Kb / 2P
Precision Gas Discharge Tube Surge Protector
2027-07-SM-RPLF BOURNS-2027-07-SM-RPLF Datasheet
280Kb / 3P
Precision Gas Discharge Tube Surge Protector
2039-80-A BOURNS-2039-80-A Datasheet
644Kb / 2P
Precision, Fast Responding, High Voltage Gas Discharge Tube
2039-80-SM BOURNS-2039-80-SM Datasheet
272Kb / 2P
Precision, Fast Responding, High Voltage Gas Discharge Tube
SA2-2400-CBB-STD BOURNS-SA2-2400-CBB-STD_14 Datasheet
328Kb / 4P
High Voltage Gas Discharge Tube
2035-XX-SM BOURNS-2035-XX-SM Datasheet
345Kb / 2P
Precision Gas Discharge Tube Surge Protector
2039-XXX-XX BOURNS-2039-XXX-XX Datasheet
690Kb / 2P
Precision, Fast Responding, High Voltage Gas Discharge Tube
logo
UN Semiconducctor INC
UN2E5 UNSEMI-UN2E5_V01 Datasheet
3Mb / 6P
High Voltage Single Gas Discharge Tube
Revision March 1,2022
UN2H8 UNSEMI-UN2H8 Datasheet
3Mb / 7P
High Voltage Single Gas Discharge Tube
Revision March 1,2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com