Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2039-110-SM-RPLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2039-110-SM-RPLF
Description  Precision, Fast Responding, High Voltage Gas Discharge Tube
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2039-110-SM-RPLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2039-110-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2039-110-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
2039-xxx-SMPrecision,FastResponding,HighVoltageGasDischargeTube
Product Dimensions
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
Packaging Specifications
The Model 2039-xxx-SM ships standard bulk pack, 250 pieces per bag, 4 bags per box.
-RP
The optional reelpack (-RP) contains 1,500 pieces per reel. Reel is 13 inches in diameter and 3/4 inch wide.
REV. I 07/16
4.4
(.173)
4.0
(.156)
1.3
(.050)
4.8
(.190)
DIA.
5.0
(.198)
5.6
(.220)
4.00
(.158)
2.00
(.079)
8.00
(.315)
16.0
(.63)
1.75
(.069)
7.5
(.30)
-RP3
The optional -RP3 reelpack contains 1,000 pieces per reel. Reel is 13 inches in diameter and 11/16 inch wide.
DIMENSIONS:
MM
(INCHES)
4.4±0.2
(.173±.008)
4.0
(.156)
1.3
(.050)
0.013±0.1
(.001±.004)
0.51±0.1
(.020±.004)
TOLERANCE:.n=±0.25mm
5.0±.25
(.197±.010)
5.6
(.220)
Unlessotherwisespecified,tolerancesindecimals
are.X±0.3,.XX±0.15forlengthsinmillimetersand±1°fordegrees.
4.00
(.158)
2.00
(.079)
8.00
(.315)
16.0
(.63)
1.75
(.069)
7.5
(.30)
12.00
(.473)
4.00
(.158)
12.00 ± 1.27
(.473 ± .050)
12.00 ± 1.27
(.473 ± .050)
5.50 ± 1.27
(.217 ± .050)
1.75 ± 2.5
(.069 ± .100)
12.00
(.473)
4.00
(.158)
1.99
(.078)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com