Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R Datasheet(PDF) 8 Page - Kemet Corporation

Part # ESD-R
Description  Toroidal Cores
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-R Datasheet(HTML) 8 Page - Kemet Corporation

Back Button ESD-R Datasheet HTML 2Page - Kemet Corporation ESD-R Datasheet HTML 3Page - Kemet Corporation ESD-R Datasheet HTML 4Page - Kemet Corporation ESD-R Datasheet HTML 5Page - Kemet Corporation ESD-R Datasheet HTML 6Page - Kemet Corporation ESD-R Datasheet HTML 7Page - Kemet Corporation ESD-R Datasheet HTML 8Page - Kemet Corporation ESD-R Datasheet HTML 9Page - Kemet Corporation ESD-R Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
E5001_ESD-R • 3/28/2017
EMI Core – ESD-R Series Toroidal Cores
Impedance vs. Frequency – Coated Type Cont’d
EMI Core
15
Ring Type
1
10000
1000
100
10
1T
2T
3T
Frequency (MHz)
1
10
100
1000
ESD-R-19D
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-25
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-25D
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-38C-1
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-47D-1
1
10
100
1000
1
10000
1000
100
10
Frequency (MHz)
ESD-R-57D-1
1T
2T
3T
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-38
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-47
1
10
100
1000
1
10000
1000
100
10
1T
2T
3T
Frequency (MHz)
ESD-R-57
Impedance vs. Frequency
Impedance vs. Frequency – Case Type
EMI Core
14
Ring Type
Toroidal Cores with Case
[RoHS Compliant]
Toroidal Cores with Case
[RoHS Compliant]
OD
T
bESD-R Series
Shape and Dimensions
1
10
100
1000
1
10000
1000
100
10
1T
2T
3T
ESD-R-12D
Frequency (MHz)
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-19
Impedance vs. Frequency
ESD-R-12D
12.9
6.0
6.4
●
black
ESD-R-12S
ESD-R-19
19.0
9.0
11.0
●
white
ESD-R-19S
ESD-R-19D
19.0
9.0
11.0
●
black
ESD-R-19SD
ESD-R-25
26.0
14.0
15.0
●
white
ESD-R-25S
ESD-R-25D
26.0
14.0
15.0
●
black
ESD-R-25SD
ESD-R-38
39.0
17.5
14.0
●
white
ESD-R-38D
ESD-R-38C-1
39.0
17.5
14.0
●
with tape(black)
white
-
ESD-R-47
48.0
25.5
16.0
●
white
-
ESD-R-47D-1
48.0
25.5
16.0
●
with tape(black)
white
-
ESD-R-57
61.0
32.4
24.0
●
white
-
ESD-R-57D-1
61.0
32.4
24.0
●
with tape(black)
white
-
Model
Dimensions (mm)
Frequency range
Remarks
Color of case
Compatible toroidal core
OD
ID
T
up to 100MHz
up to 300MHz
(bare type)
(mainly AM band range)
(mainly FM band range)
※Above frequency range is a reference only. Please test with actual device before use.
※Flame resistant grade of the case : UL94V-2
EMI Core
13
Ring Type
Ring Type
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-14C-2
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-15C
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-17S-1
1
10
100
1000
1
10000
1000
100
10
1T
2T
3T
Frequency (MHz)
ESD-R-19E-1
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-25D-8
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-25L-A
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-31C-1
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-28C-1
Impedance vs. Frequency
●本pdfカタログの記載内容は、予告なく変更あるいは製造を中止する場合がありますので、ご注文に際しては最新の情報をご確認ください。
●本pdfカタログ記載製品のご注文にあたっては、さらに詳細な仕様をご確認いただける納入仕様書をご請求ください。
●本pdfカタログ記載製品のご使用に際しては、印刷版カタログに記載の「安全に関するご注意」その他安全に関する注意事項をご確認いただくようお願いいたします。
9634ESDVOL11J1306E1
EMIコア
17
トロイダルタイプ
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-17S-1
1
10
100
1000
1
10000
1000
100
10
1T
2T
3T
Frequency (MHz)
ESD-R-19E-1
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-25D-8
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-25L-A
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-31C-1
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-28C-1
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-31-P
インピーダンス特性
EMIコア
17



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com