Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R Datasheet(PDF) 1 Page - Kemet Corporation

Part # ESD-R
Description  Toroidal Cores
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-R Datasheet(HTML) 1 Page - Kemet Corporation

  ESD-R Datasheet HTML 1Page - Kemet Corporation ESD-R Datasheet HTML 2Page - Kemet Corporation ESD-R Datasheet HTML 3Page - Kemet Corporation ESD-R Datasheet HTML 4Page - Kemet Corporation ESD-R Datasheet HTML 5Page - Kemet Corporation ESD-R Datasheet HTML 6Page - Kemet Corporation ESD-R Datasheet HTML 7Page - Kemet Corporation ESD-R Datasheet HTML 8Page - Kemet Corporation ESD-R Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
E5001_ESD-R • 3/28/2017
One world. One KEMET
Overview
The KEMET ESD-R Series solid
toroidal cores are designed for use on
round cable. A wide range of MnZn
and NiZn options are available in Bare,
Coated, and Case types.
Benefits
• MnZn(≤100MHz,AMbandrange)
andNiZn(≤300MHz,FMband
range) options available
• Solid construction
• Bare, Coated, and Case types
available
Applications
• Consumer
electronics
EMI Core
ESD-R Series Toroidal Cores
EMI Core
8
Ring Type
e
bESD-R Series
OD
T
Installation Example
Shape and Dimensions
Toroidal Cores (Bare Type)
[RoHS Compliant]
Toroidal Cores (Bare Type)
[RoHS Compliant]
ESD-R-10D
9.5
5.0
10.0
●
ESD-R-10E
10.0
5.0
5.0
●
ESD-R-10S
10.5
5.5
20.0
●
ESD-R-12C
11.8
7.3
15.0
●
ESD-R-12E
11.8
7.3
8.0
●
ESD-R-12F
12.0
8.5
15.0
●
ESD-R-12S
12.0
7.0
5.5
●
ESD-R-14C
14.0
7.0
3.0
●
ESD-R-14E
14.0
10.0
8.0
●
ESD-R-14S
14.3
6.3
28.5
●
ESD-R-15C-1
15.0
10.5
12.0
●
ESD-R-16
15.8
11.6
8.4
●
ESD-R-16C
16.0
9.0
17.0
●
ESD-R-17S
17.5
9.5
28.5
●
ESD-R-18SD
18.0
10.0
6.0
●
ESD-R-19S
18.5
10.0
10.0
●
ESD-R-19SD
18.5
10.0
10.0
●
ESD-R-22SD
22.5
13.8
6.4
●
ESD-R-25SD
25.0
15.0
12.0
●
ESD-R-25S
25.0
15.0
12.0
●
ESD-R-26S
26.0
13.0
28.5
●
ESD-R-28C
28.0
16.0
13.0
●
ESD-R-31C
31.0
19.0
8.0
●
ESD-R-38D
38.1
19.0
12.7
●
Model
Dimensions (mm)
Frequency range
OD
ID
T
up to 100MHz(mainly AM band range)
up to 300MHz(mainly FM band range)
※Other sizes available. Please contact NEC TOKIN.
※Above frequency range is a reference only. Please test with actual device before use.
EMI Core
12
Ring Type
Ring Type
1
10
100
1000
1
10000
1000
100
10
1T
2T
3T
Frequency (MHz)
ESD-R-12C-2
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-14A
Impedance vs. Frequency
Toroidal Cores (Coated Type)
[RoHS Compliant]
Toroidal Cores (Coated Type)
[RoHS Compliant]
bESD-R Series
OD
T
Shape and Dimensions
ESD-R-12C-2
12.0
7.3
15.3
●
Blue
ESD-R-14A
15.0
6.2
3.5
●
Green
-
ESD-R-14C-2
14.0
7.0
3.0
●
Blue
ESD-R-14C
ESD-R-15C
15.2
10.5
12.5
●
Blue
ESD-R-15C-1
ESD-R-17S-1
17.7
9.4
28.8
●
Blue
ESD-R-17S
ESD-R-19E-1
19.0
10.7
5.3
●
Blue
-
ESD-R-25D-8
25.0
15.0
8.0
●
Blue
-
ESD-R-25L-A
25.3
15.1
12.1
●
Blue
ESD-R-25SD
ESD-R-28C-1
28.2
15.8
13.2
●
Blue
-
ESD-R-31C-1
32.0
18.5
9.0
●
Green
ESD-R-31C
※Above frequency range is a reference only. Please test with actual device before use.
Model
Dimensions (mm)
Frequency range
Color of coating
Compatible toroidal core
OD
ID
T
up to 100MHz
up to 300MHz
(bare type)
(mainly AM band range)
(mainly FM band range)
EMI Core
14
Ring Type
Toroidal Cores with Case
[RoHS Compliant]
Toroidal Cores with Case
[RoHS Compliant]
OD
T
bESD-R Series
Shape and Dimensions
1
10
100
1000
1
10000
1000
100
10
1T
2T
3T
ESD-R-12D
Frequency (MHz)
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-19
Impedance vs. Frequency
ESD-R-12D
12.9
6.0
6.4
●
black
ESD-R-12S
ESD-R-19
19.0
9.0
11.0
●
white
ESD-R-19S
ESD-R-19D
19.0
9.0
11.0
●
black
ESD-R-19SD
ESD-R-25
26.0
14.0
15.0
●
white
ESD-R-25S
ESD-R-25D
26.0
14.0
15.0
●
black
ESD-R-25SD
ESD-R-38
39.0
17.5
14.0
●
white
ESD-R-38D
ESD-R-38C-1
39.0
17.5
14.0
●
with tape(black)
white
-
ESD-R-47
48.0
25.5
16.0
●
white
-
ESD-R-47D-1
48.0
25.5
16.0
●
with tape(black)
white
-
ESD-R-57
61.0
32.4
24.0
●
white
-
ESD-R-57D-1
61.0
32.4
24.0
●
with tape(black)
white
-
Model
Dimensions (mm)
Frequency range
Remarks
Color of case
Compatible toroidal core
OD
ID
T
up to 100MHz
up to 300MHz
(bare type)
(mainly AM band range)
(mainly FM band range)
※Above frequency range is a reference only. Please test with actual device before use.
※Flame resistant grade of the case : UL94V-2
Turns and Impedance Characteristics
When the desired performance of an EMI core cannot
be obtained with a single pass through the core, the
impedance characteristics can be changed with multiple
turns.
A turn is counted by the number of lead-wire windings
which pass through the inner hole of the core. Windings
ontheoutsideofthecoredonotcount.SeeFigure1for
examples of one, two, and three turns.
Adding turns will result in higher impedance while also
loweringtheeffectivefrequencyrange.SeeFigure2for
an example.
Core Material and Effective Frequency Range
There are two ferrite material options for
KEMET EMI Cores: Nickel-Zinc (Ni-Zn) and
Manganese-Zinc (Mn-Zn). Each core material
has a different resistance and effective
frequency range. The Mn-Zn core material
has lower resistance compared to the Ni-
Zn; therefore, be sure to provide adequate
insulation before use.
Forreference,theNi-Zncorematerialis
typically effective for the frequencies in the
MHzbandrangesuchastheFM-band,while
the Mn-Zn core material is typically effective for
thekHzbandrangesuchastheAM-band.See
Figure3.
It is recommended to verify actual
effectiveness in the target application with
measurements.
EMI Core
5
EMI Cores
Ring Type
 There are two materials of ferrite, Ni-Zn series and Mn-Zn ser
ies. Ni-Zn series is
e
ive for kHz band range.
 Note that above
e band range i
s a reference only. Examination of
s
with actual instrument is necessary.
 As Mn-Zn series has lower resistance compared to Ni-Zn series,
make sure to provide
adequate insulation before use.
Characteristics and how to count turns
 Number of turns are counted by how many times the lead wire pa
sses through the inner
hole of the core. Do not count the number of lead wire winding
outside the core, as it results
 When desired performance can not be obtained just b
y 1 turn, impedance characteristics
value can be raised b
y increasing th
e turn. In this case, the
e frequency band should
be checked that it is in the desired range as adding turns resu
lts in lowering down the
Tips on EMI Core Usages
(Represe ntative Example:ESD-R-16C)
Fig.1
 How to count turns
Fig.2
 Relationship between impedance an
d turn counts
*Number of lead wire wound outside the core + 1
= Number of read wire passes through the inner
hole of the core
= Turn count
Mn-Zn series vs Ni-Zn series
|Z|-f Characteristics (representative example)
(measurement condition: measured with same-dimension ring core)
Fig.3
 
te
AM band range
FM band range
MnZn series core
NiZn series core
1000
100
10
1
0.01
0.1
1
10
100
1000
Resonance point changes to lower band
3T
2T
1T
Frequency (MHz)
Frequency (MHz)
10000
1
10
100
1000
1000
100
10
1
3T
2T
1T
Figure 1 – How to count turns
EMI Core
5
EMI Cores
Ring Type
 There are two materials of ferrite, Ni-Zn series and Mn-Zn ser
ies. Ni-Zn series is
e
ive for kHz band range.
 Note that above
e band range i
s a reference only. Examination of
s
with actual instrument is necessary.
 As Mn-Zn series has lower resistance compared to Ni-Zn series,
make sure to provide
adequate insulation before use.
Characteristics and how to count turns
 Number of turns are counted by how many times the lead wire pa
sses through the inner
hole of the core. Do not count the number of lead wire winding
outside the core, as it results
 When desired performance can not be obtained just b
y 1 turn, impedance characteristics
value can be raised b
y increasing th
e turn. In this case, the
e frequency band should
be checked that it is in the desired range as adding turns resu
lts in lowering down the
Tips on EMI Core Usages
(Represe ntative Example:ESD-R-16C)
Fig.1
 How to count turns
Fig.2
 Relationship between impedance an
d turn counts
*Number of lead wire wound outside the core + 1
= Number of read wire passes through the inner
hole of the core
= Turn count
Mn-Zn series vs Ni-Zn series
|Z|-f Characteristics (representative example)
(measurement condition: measured with same-dimension ring core)
Fig.3
 
te
AM band range
FM band range
MnZn series core
NiZn series core
1000
100
10
1
0.01
0.1
1
10
100
1000
Resonance point changes to lower band
3T
2T
1T
Frequency (MHz)
Frequency (MHz)
10000
1
10
100
1000
1000
100
10
1
3T
2T
1T
Figure 2 – Relationship between impedance and turn count.
(Representative example: ESD-R-16C)
EMI Core
5
EMI Cores
Ring Type
 There are two materials of ferrite, Ni-Zn series and Mn-Zn ser
ies. Ni-Zn series is
e
ive for kHz band range.
 Note that above
e band range i
s a reference only. Examination of
s
with actual instrument is necessary.
 As Mn-Zn series has lower resistance compared to Ni-Zn series,
make sure to provide
adequate insulation before use.
Characteristics and how to count turns
 Number of turns are counted by how many times the lead wire pa
sses through the inner
hole of the core. Do not count the number of lead wire winding
outside the core, as it results
 When desired performance can not be obtained just b
y 1 turn, impedance characteristics
value can be raised b
y increasing th
e turn. In this case, the
e frequency band should
be checked that it is in the desired range as adding turns resu
lts in lowering down the
Tips on EMI Core Usages
(Represe ntative Example:ESD-R-16C)
Fig.1
 How to count turns
Fig.2
 Relationship between impedance an
d turn counts
*Number of lead wire wound outside the core + 1
= Number of read wire passes through the inner
hole of the core
= Turn count
Mn-Zn series vs Ni-Zn series
|Z|-f Characteristics (representative example)
(measurement condition: measured with same-dimension ring core)
Fig.3
 
te
AM band range
FM band range
MnZn series core
NiZn series core
1000
100
10
1
0.01
0.1
1
10
100
1000
Resonance point changes to lower band
3T
2T
1T
Frequency (MHz)
Frequency (MHz)
10000
1
10
100
1000
1000
100
10
1
3T
2T
1T
Figure 3 – Effective band range of Mn-Zn and Ni-Zn ferrite core material.
(Representative example, measured with same-dimension ring core)


Similar Part No. - ESD-R

ManufacturerPart #DatasheetDescription
logo
NEC
ESD-R-10D NEC-ESD-R-10D Datasheet
1Mb / 31P
EMI Core
ESD-R-10E NEC-ESD-R-10E Datasheet
1Mb / 31P
EMI Core
ESD-R-10S NEC-ESD-R-10S Datasheet
1Mb / 31P
EMI Core
logo
Kemet Corporation
ESD-R-1105826H-NC23 KEMET-ESD-R-1105826H-NC23 Datasheet
55Kb / 1P
KEMET, ESD-R-NC23, EMI Cores, Commercial Grade
logo
NEC
ESD-R-12C NEC-ESD-R-12C Datasheet
1Mb / 31P
EMI Core
More results

Similar Description - ESD-R

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EER25 YUXIANG-EER25 Datasheet
105Kb / 2P
EER CORES. ETD CORES
logo
Superworld Electronics
TBC0806 SUPERWORLD-TBC0806 Datasheet
155Kb / 2P
TOROIDAL INDUCTOR
TBC1307 SUPERWORLD-TBC1307 Datasheet
166Kb / 2P
TOROIDAL INDUCTOR
logo
Allied Components Inter...
VTCB210-100L-RC ALLIED-VTCB210-100L-RC Datasheet
1Mb / 1P
Toroidal Chokes
logo
MPS Industries, Inc.
P11T80B MPSIND-P11T80B Datasheet
164Kb / 1P
TOROIDAL INDUCTOR
logo
XFMRS Inc.
2XF0250-VP XFMRS-2XF0250-VP Datasheet
50Kb / 1P
TOROIDAL INDUCTOR
XF5126-VM100 XFMRS-XF5126-VM100 Datasheet
37Kb / 1P
Toroidal Inductor
logo
Pulse A Technitrol Comp...
PE-50502NL PULSE-PE-50502NL Datasheet
65Kb / 1P
TOROIDAL INDUCTORS
PE-51507NL PULSE-PE-51507NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
Ferrite Toroidal Cores
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com