Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL211AT Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL211AT
Description  Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL211AT Datasheet(HTML) 5 Page - Vishay Siliconix

  IL211AT Datasheet HTML 1Page - Vishay Siliconix IL211AT Datasheet HTML 2Page - Vishay Siliconix IL211AT Datasheet HTML 3Page - Vishay Siliconix IL211AT Datasheet HTML 4Page - Vishay Siliconix IL211AT Datasheet HTML 5Page - Vishay Siliconix IL211AT Datasheet HTML 6Page - Vishay Siliconix IL211AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IL211AT, IL212AT, IL213AT
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 21-Dec-10
5
Document Number: 83615
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 11 - FCTR vs. Phase Angle
Fig. 12 - FCTR vs. IC
Fig. 13 - Switching Time vs. Load Resistance
Fig. 14 - Switching Time vs. Base Emitter Resistance
22470
f (kHz)
- 160
- 140
- 120
- 100
- 80
- 60
- 40
- 20
0
1
10
100
1000
V
CE = 5 V
22471
IC - Collector Current (mA)
0.1
1
10
100
1
10
100
1000
V
CC = 5 V
22491
RL - Load Resistance (kΩ)
0.1
1
10
100
1000
0.1
1
10
100
t
on
toff
V
CE = 5 V, IF = 10 mA
Pulse width = 100 ms
f = 1 kHz
22492
RBE - Base Emitter Resistance (kΩ)
1
10
100
10
100
1000
10 000
t
on
toff
V
CE = 5 V, IF = 10 mA
Pulse width = 100 μs
f = 1 kHz, R
L = 2.2 kΩ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com