Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL211AT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL211AT
Description  Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL211AT Datasheet(HTML) 1 Page - Vishay Siliconix

  IL211AT Datasheet HTML 1Page - Vishay Siliconix IL211AT Datasheet HTML 2Page - Vishay Siliconix IL211AT Datasheet HTML 3Page - Vishay Siliconix IL211AT Datasheet HTML 4Page - Vishay Siliconix IL211AT Datasheet HTML 5Page - Vishay Siliconix IL211AT Datasheet HTML 6Page - Vishay Siliconix IL211AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IL211AT, IL212AT, IL213AT
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 21-Dec-10
1
Document Number: 83615
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output,
with Base Connection in SOIC-8 Package
DESCRIPTION
The IL211AT, IL212AT, IL213AT are optically coupled pairs
with a gallium arsenide infrared LED and silicon NPN
phototransistor. Signal information, including a DC level,
can be transmitted by the device while maintaining a high
degree of electrical isolation between input and output.
The IL211AT, IL212AT, IL213AT comes in a standard
SOIC-8 small outline package for surface mounting which
makes it ideally suited for high density applications with
limited space. In addition to eliminating through-holes
requirements, this package conforms to standards for
surface mounted devices.
A choice of 20 %, 50 %, and 100 % minimum CTR at
IF = 10 mA makes these optocouplers suitable for a variety
of different applications.
FEATURES
• Isolation test voltage, 4000 VRMS
• Industry standard SOIC-8 surface mountable
package
• Compatible with dual wave, vapor phase and IR
reflow soldering
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
AGENCY APPROVALS
• UL1577, file no. E52744 system code Y
• cUL - file no. E52744, equivalent to CSA bulletin 5A
• DIN EN 60747-5-2 (VDE 0884) (1)
• DIN EN 60747-5-5 (pending) (1)
Note
(1) Available upon request, as option 1
i179002-1
1
2
3
4
A
K
NC
NC
8
7
6
5
NC
B
C
E
V
DE
i179025
ORDERING INFORMATION
IL
2
1
#
A
T
PART NUMBER
AGENCY CERTIFIED/PACKAGE
CTR (%)
10 mA
UL, cUL
> 20
> 50
> 100
SOIC-8
IL211AT
IL212AT
IL213AT
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Peak reverse voltage
VR
6V
Forward continuous current
IF
60
mA
Power dissipation
Pdiss
90
mW
Derate linearly from 25 °C
1.2
mW/°C
OUTPUT
Collector emitter breakdown voltage
BVCEO
30
V
Emitter collector breakdown voltage
BVECO
7V
Collector base breakdown voltage
VCBO
70
V
ICMAX. DC
ICMAX. DC
50
mA
ICMAX.
t < 1 ms
ICMAX.
100
mA
Power dissipation
Pdiss
150
mW
Derate linearly from 25 °C
2mW/°C
SOIC-8
6.1 mm


Similar Part No. - IL211AT

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL211AT SIEMENS-IL211AT Datasheet
44Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Vishay Siliconix
IL211AT VISHAY-IL211AT Datasheet
132Kb / 6P
Optocoupler, Phototransistor Output, With Base Connection in
26-Oct-04
IL211AT VISHAY-IL211AT Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
IL211AT VISHAY-IL211AT Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
IL211AT VISHAY-IL211AT_V02 Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
More results

Similar Description - IL211AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL205AT VISHAY-IL205AT_05 Datasheet
259Kb / 7P
Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 package
18-Apr-05
IL1207AT VISHAY-IL1207AT Datasheet
148Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
08-May-08
VO205AT VISHAY-VO205AT Datasheet
112Kb / 6P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
22-Nov-12
VO211AT VISHAY-VO211AT Datasheet
115Kb / 8P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
02-Dec-08
IL1205AT VISHAY-IL1205AT Datasheet
146Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
08-May-08
IL1208AT VISHAY-IL1208AT_V01 Datasheet
152Kb / 8P
Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
23-Nov-2020
IL213AT VISHAY-IL213AT_V01 Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
VO208AT VISHAY-VO208AT_V01 Datasheet
114Kb / 6P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
22-Nov-12
IL211AT VISHAY-IL211AT_V02 Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com