Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP5.241 Datasheet(PDF) 21 Page - PULS GmbH

Part # CP5.241
Description  24V, 5A, 120W, SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP5.241 Datasheet(HTML) 21 Page - PULS GmbH

Back Button CP5.241 Datasheet HTML 17Page - PULS GmbH CP5.241 Datasheet HTML 18Page - PULS GmbH CP5.241 Datasheet HTML 19Page - PULS GmbH CP5.241 Datasheet HTML 20Page - PULS GmbH CP5.241 Datasheet HTML 21Page - PULS GmbH CP5.241 Datasheet HTML 22Page - PULS GmbH CP5.241 Datasheet HTML 23Page - PULS GmbH CP5.241 Datasheet HTML 24Page - PULS GmbH CP5.241 Datasheet HTML 25Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
CP5.241, CP5.241-C1,
CP5.241-S1, CP5.241-S2
CP-Series
24V, 5A, 120W, SINGLE PHASE INPUT
Aug. 2017 / Rev. 0.1 DS-CP5.241-EN
All parameters are typical values specified at 24V, 5A output, 230Vac input, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
P R E L I M I N A R Y
23.4. UF20.241 BUFFER MODULE
This buffer unit is a supplementary device for DC 24V power supplies. It delivers power to
bridge typical mains failures or extends the hold-up
time after turn-off of the AC power. In times when
the power supply provides sufficient voltages, the
buffer unit stores energy in integrated electrolytic
capacitors. In case of mains voltage fault, this energy
is released again in a regulated process. One buffer
module can deliver 20A additional current.
21/26
The buffer unit does not require any control wiring. It can be added in parallel to the load
circuit at any given point. Buffer units can be added in parallel to increase the output
ampacity or the hold-up time.
DC
Buffer
Unit(s)
Power
Supply
Load
AC
+
-
23.5. ZM6.WALL – WALL/PANEL MOUNT BRACKET
This bracket is used to mount the devices on a wall/panel without utilizing a DIN-Rail. It is suitable for CP5.241,
CP5.241-C1, CP5.241-S1 and CP5.241-S2.
The bracket can be mounted without detaching the DIN-rail brackets.
Fig. 23-1 Isometric view
(Picture shows the CP5.241)
Fig. 23-2 Isometric view-
(Picture shows the CP5.241)
Fig. 23-3 Isometric view
(Picture shows the CP5.241)
Fig. 23-4 Wall/panel mounting, front
view (Picture shows the CP5.241)
Fig. 23-5 Hole pattern for wall
mounting
Fig. 23-6 Wall/panel mounting,
side view (Picture shows the CP5.241)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com