Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP5.241 Datasheet(PDF) 7 Page - PULS GmbH

Part # CP5.241
Description  24V, 5A, 120W, SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP5.241 Datasheet(HTML) 7 Page - PULS GmbH

Back Button CP5.241 Datasheet HTML 3Page - PULS GmbH CP5.241 Datasheet HTML 4Page - PULS GmbH CP5.241 Datasheet HTML 5Page - PULS GmbH CP5.241 Datasheet HTML 6Page - PULS GmbH CP5.241 Datasheet HTML 7Page - PULS GmbH CP5.241 Datasheet HTML 8Page - PULS GmbH CP5.241 Datasheet HTML 9Page - PULS GmbH CP5.241 Datasheet HTML 10Page - PULS GmbH CP5.241 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
CP5.241, CP5.241-C1,
CP5.241-S1, CP5.241-S2
CP-Series
24V, 5A, 120W, SINGLE PHASE INPUT
Aug. 2017 / Rev. 0.1 DS-CP5.241-EN
All parameters are typical values specified at 24V, 5A output, 230Vac input, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
P R E L I M I N A R Y
Fig. 6-1 Output voltage vs. output current,
typ.
Fig. 6-2 Dynamic output current capability,
typ.
Output Voltage
0
4
8
12
28V
16
20
24
06
7/26
10A
4
1
2
5
78
39
Adjustment
Range
Output Current
Continuous
current
HiccupPLUS
mode
Output Voltage (dynamic behavior, < 12ms)
0
4
8
12
28V
16
20
24
0
10
25
515
20
2.5
7.5
12.5
17.5
22.5
Adjustment
Range
Output Current
A
Fig. 6-3 Short-circuit on output, HiccupPLUS mode, typ.
Output
Current
0
10.5A
9s
9s
9s
1s
1s
1s
t
Short -circuit
Normal
operation
Normal
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com