Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR33152IDEVB Datasheet(PDF) 3 Page - Exar Corporation

Part # XR33152IDEVB
Description  60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33152IDEVB Datasheet(HTML) 3 Page - Exar Corporation

  XR33152IDEVB Datasheet HTML 1Page - Exar Corporation XR33152IDEVB Datasheet HTML 2Page - Exar Corporation XR33152IDEVB Datasheet HTML 3Page - Exar Corporation XR33152IDEVB Datasheet HTML 4Page - Exar Corporation XR33152IDEVB Datasheet HTML 5Page - Exar Corporation XR33152IDEVB Datasheet HTML 6Page - Exar Corporation XR33152IDEVB Datasheet HTML 7Page - Exar Corporation XR33152IDEVB Datasheet HTML 8Page - Exar Corporation XR33152IDEVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
XR
33152/XR33155/XR33156/XR33158
2/19
REV2B
Absolute Maximum Ratings
Stresses beyond the limits listed below may cause
permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect
device reliability and lifetime.
VCC ..................................................................................-0.3V to 7.0V
VL...........................................................................VL ≤ VCC
Input voltage at control and driver input (DE, DI and INV)
XR33152/55/58.................................. -0.3V to (VCC + 0.3V)
Receiver output voltage (RO)
XR33152/55/58.................................. -0.3V to (VCC + 0.3V)
Input voltage at control (RE) XR33156
..............................................................-0.3V to (VL + 0.3V)
Input voltage at control and driver input
(DE, DI, RINV, DINV, and INV) XR33156......... -0.3V to 7.0V
Receiver output voltage (RO)
XR33156...............................................-0.3V to (VL + 0.3V)
Driver output voltage (Y, Z, A/Y and B/Z) ....................±60V
Receiver input voltage (A, B, A/Y and B/Z) .................±60V
Transient voltage pulse, through 100Ω (Figure 7) .....±100V
Driver output current...............................................±250mA
Storage temperature range ......................... -65°C to 150°C
Lead temperature (soldering 10 seconds)................. 300°C
Maximum junction temperature ................................. 150°C
Operating Conditions
Supply voltage range........................................3.0V to 5.5V
Operating temperature range ...................... -40°C to 105°C
Package power dissipation,
8-pin NSOIC
θJA .................................................128.4°C/W
Package power dissipation,
14-pin NSOIC
θJA ....................................................86°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com