Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR33152IDEVB Datasheet(PDF) 9 Page - Exar Corporation

Part # XR33152IDEVB
Description  60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33152IDEVB Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR33152IDEVB Datasheet HTML 5Page - Exar Corporation XR33152IDEVB Datasheet HTML 6Page - Exar Corporation XR33152IDEVB Datasheet HTML 7Page - Exar Corporation XR33152IDEVB Datasheet HTML 8Page - Exar Corporation XR33152IDEVB Datasheet HTML 9Page - Exar Corporation XR33152IDEVB Datasheet HTML 10Page - Exar Corporation XR33152IDEVB Datasheet HTML 11Page - Exar Corporation XR33152IDEVB Datasheet HTML 12Page - Exar Corporation XR33152IDEVB Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
XR
33152/XR33155/XR33156/XR33158
8/19
REV2B
Pin Configurations
Pin Functions
Pin Number
Pin Name
Type
Description
Half-duplex
XR33152
XR33155
XR33158
Full-duplex
XR33156
-
1
RINV
I
Receiver invert control (active high). When enabled, the polarity of the receiver bus
pins (A & B) is reversed: A = inverting and B = non-inverting. When disabled, the
receiver bus pins (A & B) operate normally: A = non-inverting and B = inverting.
The RINV pin has a 150KΩ pull-down resistor.
1
2
RO
O
Receiver output, when RE is low and if (A-B) ≥ 200mV, RO is high. If (A-B) ≤ -200mV,
RO is low If inputs are left floating, shorted together or terminated and undriven for
more than 2μs the output is high.
2
-
INV
I
Driver and receiver invert control (active high). When enabled, the polarity of the driver
input and receiver input bus pins is inverted. When disabled, the driver input and
receiver inputs operate normally: A = non-inverting and B = inverting. The INV pin has
a 150kΩ pull-down resistor.
-
3
RE
I
Receiver output enable (hot swap). When RE is low, RO is enabled. When RE is high,
RO is high impedance. RE should be high and DE should be low to enter
shutdown mode.
3
4
DE
I
Driver output enable (hot swap). When DE is high, outputs are enabled. When DE is
low, outputs are high impedance. DE should be low and RE should be high to enter
shutdown mode.
4
5
DI
I
Driver input. With DE high, a low level on DI forces non-inverting output low and
inverting output high. Similarly, a high level on DI forces non-inverting output high and
inverting output low.
5
6, 7
GND
PWR
Ground.
6
-
A/Y
I/O
Non-inverting receiver input and non-Inverting driver output.
7
-
B/Z
I/O
Inverting receiver input and Inverting driver output.
NOTE:
Type: I = Input, O = Output, I/O = Input/Output, PWR = Power.
RINV 1
RO 2
RE 3
DE 4
DI 5
GND 6
GND 7
VCC
14
VL
13
A
12
B
11
Z
10
Y
9
DINV
8
RO 1
INV 2
DE 3
DI 4
VCC
8
B/Z
7
A/Y
6
GND
5
XR33152, XR33155 and XR33158 Half-duplex
XR33156 Full-duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com