Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR33155IDEVB Datasheet(PDF) 10 Page - Exar Corporation

Part # XR33155IDEVB
Description  60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33155IDEVB Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR33155IDEVB Datasheet HTML 6Page - Exar Corporation XR33155IDEVB Datasheet HTML 7Page - Exar Corporation XR33155IDEVB Datasheet HTML 8Page - Exar Corporation XR33155IDEVB Datasheet HTML 9Page - Exar Corporation XR33155IDEVB Datasheet HTML 10Page - Exar Corporation XR33155IDEVB Datasheet HTML 11Page - Exar Corporation XR33155IDEVB Datasheet HTML 12Page - Exar Corporation XR33155IDEVB Datasheet HTML 13Page - Exar Corporation XR33155IDEVB Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
XR
33152/XR33155/XR33156/XR33158
9/19
REV2B
Pin Functions (Continued)
Pin Number
Pin Name
Type
Description
Half-duplex
XR33152
XR33155
XR33158
Full-duplex
XR33156
8
14
VCC
PWR
3.0V to 5.5V power supply input bypass to ground with 0.1μF capacitor.
-
12
A
I
Non inverting receiver input.
-
11
B
I
Inverting receiver input.
-
9
Y
O
Non-inverting driver output.
-
10
Z
O
Inverting driver output.
-
8
DINV
I
Driver invert control (active high). When enabled, the polarity of the driver input pin is
inverted causing the driver output (Y & Z) polarities to be inverted. When disabled, the
driver bus pins (Y & Z) operate normally: Y = non-inverting and Z = inverting. The DINV
pin has a 150kΩ pull-down resistor.
-
13
VL
PWR
Logic interface power supply.
NOTE:
Type: I = Input, O = Output, I/O = Input/Output, PWR = Power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com