Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR33155IDEVB Datasheet(PDF) 14 Page - Exar Corporation

Part # XR33155IDEVB
Description  60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33155IDEVB Datasheet(HTML) 14 Page - Exar Corporation

Back Button XR33155IDEVB Datasheet HTML 10Page - Exar Corporation XR33155IDEVB Datasheet HTML 11Page - Exar Corporation XR33155IDEVB Datasheet HTML 12Page - Exar Corporation XR33155IDEVB Datasheet HTML 13Page - Exar Corporation XR33155IDEVB Datasheet HTML 14Page - Exar Corporation XR33155IDEVB Datasheet HTML 15Page - Exar Corporation XR33155IDEVB Datasheet HTML 16Page - Exar Corporation XR33155IDEVB Datasheet HTML 17Page - Exar Corporation XR33155IDEVB Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
XR
33152/XR33155/XR33156/XR33158
13/19
REV2B
Applications Information (Continued)
Figure 8. Driver Enable and Disable Timing Test Circuits and Timing Diagrams
D
VOUT
RL
CL
DE
TESTING Z: DI = OV
TESTING Y: DI = VCC
Y
Z
D
VOUT
RL
VCC
CL
DE
TESTING Z: DI = VCC
TESTING Y: DI = OV
Y
Z
VOUT
DE
1.5V
1.5V
3V
tDZH
VOH + VOL
VOH – 0.25V
2
tDHZ
OV
VOH
VOL
VOUT
DE
1.5V
1.5V
3V
tDZL
VOH + VOL
VOL + 0.25V
2
tDLZ
OV
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com