Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW234 Datasheet(PDF) 8 Page - Advanced Semiconductor Business Inc.

Part # ASW234
Description  MMIC Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW234 Datasheet(HTML) 8 Page - Advanced Semiconductor Business Inc.

  ASW234 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8/9
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASW234
5 ~ 8000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +0 dBm/tone sepa-
rated by 1MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
5000
5500
6000
Magnitude S21 (dB)
10.0
10.0
9.7
Magnitude S11 (dB)
-10
-12
-15
Magnitude S22 (dB)
-10
-10
-13
Output P1dB (dBm)
15.0
14.5
14.0
Output IP31) (dBm)
27.0
28.0
24.5
Noise Figure (dB)
2.8
3.3
3.9
Device Voltage (V)
+5
+5
+5
Current (mA)
55
55
55
WLAN
5000 ~ 6000 MHz
+5 V
L1=5.6 nH
C2=10 pF
RF OUT
ASW234
C1=10 pF
RF IN
L2=12 nH
2 mm
Vcc=5 V
C3=100 pF
C4=1
F
4000
4500
5000
5500
6000
6500
7000
0
5
10
15
20
Frequency (MHz)
4000
4500
5000
5500
6000
6500
7000
-20
-15
-10
-5
0
Frequency (MHz)
4000
4500
5000
5500
6000
6500
7000
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com