Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW234 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASW234
Description  MMIC Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW234 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASW234 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASW234
5 ~ 8000 MHz MMIC Amplifier
(Supply Voltage = +5 V, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
900
2000
2700
3500
5500
Gain
dB
18.7
16.8
15.5
13.5
10.0
S11
dB
-10
-11
-15
-15
-12
S22
dB
-18
-18
-15
-12
-10
Output IP31)
dBm
29.5
31.0
31.5
31.0
28.0
Noise Figure
dB
1.9
1.8
1.9
2.2
3.3
Output P1dB
dBm
22.0
22.0
20.5
18.5
14.5
Current
mA
55
55
55
55
55
Device Voltage
V
+5
+5
+5
+5
+5
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ.
Max
Testing Frequency
MHz
2000
Gain
dB
16.8
S11
dB
-11
S22
dB
-18
Output IP3
dBm
31
Noise Figure
dB
1.8
Output P1dB
dBm
22
Current
mA
55
Device Voltage
V
+5
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+5 V
Operating Junction Temperature
+150
C
Input RF Power (Continuous)
19 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Typical Performance
Absolute Maximum Ratings
16.8 dB Gain at 2 GHz
22 dBm P1dB at 2 GHz
31 dBm Output IP3 at 2 GHz
1.8 dB NF at 2 GHz
MTTF > 100 Years
Single Supply
The ASW234, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication sys-
tems up to 6 GHz. The amplifier is available in a
SOT363 package and passes through the stringent
DC, RF, and reliability tests.
Product Specifications
Package Style: SOT363
Application Circuit
500 ~ 3500 MHz
500 ~ 3500 MHz (4.7 V)
500 ~ 3500 MHz (3 V)
IF
DVB-T (V & U band)
5000 ~ 6000 MHz
Pin Configuration
Pin No.
Function
1
RF OUT & Bias
2,3,5,6
GND
4
RF IN


Similar Part No. - ASW234

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASW234 ASB-ASW234 Datasheet
445Kb / 8P
5-8000 MHz MMIC Amplifier
February 2010
More results

Similar Description - ASW234

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMA3117 ONSEMI-SMA3117 Datasheet
643Kb / 7P
MMIC Amplifier
August, 2013
logo
RF Micro Devices
SBW5089Z RFMD-SBW5089Z Datasheet
657Kb / 7P
MMIC AMPLIFIER
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C_17 Datasheet
965Kb / 13P
MMIC Amplifier
April 2017
ASW105 ASB-ASW105_17 Datasheet
858Kb / 7P
MMIC Amplifier
April 2017
ASW204 ASB-ASW204_17 Datasheet
1Mb / 16P
MMIC Amplifier
April 2017
ASW205 ASB-ASW205 Datasheet
1Mb / 17P
MMIC Amplifier
April 20173
ASW212 ASB-ASW212 Datasheet
1Mb / 11P
MMIC Amplifier
April 2017
ASW215 ASB-ASW215_17 Datasheet
956Kb / 9P
MMIC Amplifier
April 2017
ASW314 ASB-ASW314 Datasheet
1Mb / 23P
MMIC Amplifier
February 2017
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
MMIC AMPLIFIER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com