Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW316 Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # ASW316
Description  MMIC Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW316 Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button ASW316 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 15Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11/15
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASW316
5 ~ 3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated
by 1 MHz.
2) OIP3 is measured with two tones at an output power of +3 dBm/tone separated
by 1 MHz.
0
500
1000
1500
2000
2500
3000
3500
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
5
10
15
20
25
Frequency (MHz)
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
500
900
2000
3000
Magnitude S21 (dB)
17.0
17.0
14.5
14.5
Magnitude S11 (dB)
-8
-9
-6
-11
Magnitude S22 (dB)
-7
-11
-6
-5
Output P1dB (dBm)
22
21
17
16
Output IP3 (dBm)
42.01)
40.01)
36.51)
33.52)
Noise Figure (dB)
1.8
1.7
2.1
3.3
Device Voltage (V)
+5
+5
+5
+5
Current (mA)
110
110
110
110
SMATV & Wideband
500 ~ 3000 MHz
+5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com