Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW316 Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # ASW316
Description  MMIC Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW316 Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button ASW316 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 15Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12/15
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASW316
5 ~ 3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separat-
ed by 1 MHz.
2) OIP3 is measured with two tones at an output power of +7 dBm/tone separated
by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
5
50
1000
Magnitude S21 (dB)
14.8
14.6
13.4
Magnitude S11 (dB)
-18
-20
-11
Magnitude S22 (dB)
-10
-18
-10
Output P1dB (dBm)
20.5
21.0
21.0
Output IP3 (dBm)
401)
411)
382)
Noise Figure (dB)
2.9
2.0
2.6
Device Voltage (V)
+5
+5
+5
Current (mA)
110
110
110
IF
5 ~ 1000 MHz
+5 V
RF IN
RF OUT
ASW316
Vs=5 V
C4=10
F
R1=150
C1=10 nF
C2=3.3 nF
L1=15

L3=1.5

C3=10 nF
R2=680
L2=15

0
200
400
600
800
1000
0
5
10
15
20
Frequency (MHz)
0
200
400
600
800
1000
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
200
400
600
800
1000
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com