Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8353 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S8353
Description  STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8353 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S8353 Datasheet HTML 17Page - Seiko Instruments Inc S8353 Datasheet HTML 18Page - Seiko Instruments Inc S8353 Datasheet HTML 19Page - Seiko Instruments Inc S8353 Datasheet HTML 20Page - Seiko Instruments Inc S8353 Datasheet HTML 21Page - Seiko Instruments Inc S8353 Datasheet HTML 22Page - Seiko Instruments Inc S8353 Datasheet HTML 23Page - Seiko Instruments Inc S8353 Datasheet HTML 24Page - Seiko Instruments Inc S8353 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_01
S-8353/8354 Series
21
3. Capacitor (CIN, CL)
A capacitor on the input side (CIN) improves the efficiency by reducing the power impedance and stabilizing the input
current. Select a CIN value according to the impedance of the power supply used.
A capacitor on the output side (CL) is used for smoothing the output voltage. For step-up types, the output voltage
flows intermittently to the load current, so step-up types need a larger capacitance than step-down types. Therefore,
select an appropriate capacitor in accordance with the ripple voltage, which increases in case of a higher output
voltage or a higher load current. The capacitor value should be 10
μF or more.
Select an appropriate capacitor the equivalent series resistance (RESR) for stable output voltage. The stable voltage
range in this IC depends on the RESR. Although the inductance value (L value) is also a factor, an RESR of 30
to
500 m
Ω maximizes the characteristics. However, the best RESR value may depend on the L value, the capacitance,
the wiring, and the applications (output load).
Therefore, fully evaluate the RESR under the actual operating
conditions to determine the best value.
Refer to the “1. Example of Ceramic Capacitor Application” (Figure 16) in the “ Application Circuit” for the
circuit example using a ceramic capacitor and the external resistance of the capacitor (RESR).
4. VDD / VOUT Separate Type (D and J Types)
The D and J types provides separate internal circuit power supply (VDD pin) and output voltage setting pin (VOUT
pin) in the IC, making it ideal for the following applications.
(1) When changing the output voltage with external resistance.
(2) When outputting a high voltage within the operating voltage (10 V).
Choose the products in the Table 18 according to the applications (1) or (2) above.
Table 18
Output voltage (VCC)
1.8 V
≤ VCC < 5 V
5 V
≤ VCC ≤ 10 V
S-835xx18
Yes
−
S-835xx50
−
Yes
Connection to VDD pin
VIN or VCC
VIN
Cautions 1. This IC starts a step-up operation at VDD = 0.8 V, but set 1.8
≤ VDD ≤ 10 V to stabilize the output
voltage and frequency of the oscillator. (Input a voltage of 1.8 V or more at the VDD pin for all
products with a setting less than 1.9 V.) An input voltage of 1.8 V or more at the VDD pin allows
connection of the VDD pin to either the input voltage VIN pin or output VOUT pin.
2. Choose external resistors RA and RB so as to not affect the output voltage, considering that there
is impedance between the VOUT pin and VSS pin in the IC chip. The internal resistance
between the VOUT pin and VSS pin is as follows :
(1) S-835xx18 : 2.1 M
Ω to 14.8 MΩ
(2) S-835xx20 : 1.4 M
Ω to 14.8 MΩ
(3) S-835xx30 : 1.4 M
Ω to 14.2 MΩ
(4) S-835xx50 : 1.4 M
Ω to 12.1 MΩ
3. Attach a capacitor (CC) in parallel to the RA resistance when an unstable event such as
oscillation of the output voltage occurs. Calculate CC using the following equation :
[]
kHz
20
R
2
1
C
A
C
•
•
•
=
π
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com