Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8353 Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # S8353
Description  STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8353 Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button S8353 Datasheet HTML 29Page - Seiko Instruments Inc S8353 Datasheet HTML 30Page - Seiko Instruments Inc S8353 Datasheet HTML 31Page - Seiko Instruments Inc S8353 Datasheet HTML 32Page - Seiko Instruments Inc S8353 Datasheet HTML 33Page - Seiko Instruments Inc S8353 Datasheet HTML 34Page - Seiko Instruments Inc S8353 Datasheet HTML 35Page - Seiko Instruments Inc S8353 Datasheet HTML 36Page - Seiko Instruments Inc S8353 Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_01
S-8353/8354 Series
33
Reference Data
Reference data is provided to determine specific external components. Therefore, the following data shows the
characteristics of the recommended external components selected for various applications.
1. External Parts for Reference Data
Table 20 Efficiency vs. Output Current Characteristics and Output Voltage vs. Output Current Characteristics for
External Parts
Condition Product Name
Oscillation
frequency
Output voltage Control system
Inductor
Diode
Output capacitor
1
S-8353H50MC
250 kHz
5.0 V
PWM
CDRH8D28-220
MA2Z748
F93 (16 V, 47
μF)
2
S-8353H50MC
250 kHz
5.0 V
PWM
CDRH5D28-220
F93 (6.3 V, 22
μF)
3
S-8353H50MC
250 kHz
5.0 V
PWM
CXLP120-220
F92 (6.3 V, 47
μF)
4
S-8354A50MC
50 kHz
5.0 V
PWM / PFM
CDRH8D28-101
F93 (6.3 V, 22
μF)
5
S-8354A50MC
50 kHz
5.0 V
PWM / PFM
CXLP120-470
F92 (6.3 V, 47
μF)
6
S-8353A50MC
50 kHz
5.0 V
PWM
CDRH8D28-101
F93 (6.3 V, 22
μF)
7
S-8353A50MC
50 kHz
5.0 V
PWM
CXLP120-470
F92 (6.3 V, 47
μF)
8
S-8353A33MC
50 kHz
3.3 V
PWM
CDRH8D28-101
F93 (6.3 V, 22
μF)
The properties of the external parts are shown below.
Table 21 Properties of External Parts
Component
Product name
Manufacturer
Characteristics
Inductor
CDRH8D28-220
Sumida Corporation
22
μH, DCR*1 = 95 mΩ, IMAX.*2 = 1.6 A,
Component height = 3.0 mm
CDRH8D28-101
100
μH, DCR*1 = 410 mΩ, IMAX.*2 = 0.75 A,
Component height = 3.0 mm
CDRH5D28-220
22
μH, DCR*1 = 122 mΩ, IMAX.*2 = 0.9 A,
Component height = 3.0 mm
CXLP120-220
Sumitomo Special Metals Co.,
Ltd.
22
μH, DCR*1 = 590 mΩ, IMAX.*2 = 0.55 A,
Component height = 1.2 mm
CXLP120-470
47
μH, DCR*1 = 950 mΩ, IMAX.*2 = 0.45 A,
Component height = 1.2 mm
Diode
MA2Z748
Matsushita Electric Industrial
Co., Ltd.
VF*3 = 0.4 V, IF*4 = 0.3 A
Capacitor
F93 (16 V, 47
μF)
Nichicon Corporation
−
F93 (6.3 V, 22
μF)
F92 (6.3 V, 47
μF)
*1.
Direct current resistance
*2.
Maximum allowable current
*3.
Forward voltage
*4.
Forward current
Caution The values shown in the characteristics column of Table 21 above are based on the materials provided by
each manufacture. However, consider the characteristics of the original materials when using the above
products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com