Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8424A Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S8424A
Description  BATTERY BACKUP SWITCHING IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8424A Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S8424A Datasheet HTML 17Page - Seiko Instruments Inc S8424A Datasheet HTML 18Page - Seiko Instruments Inc S8424A Datasheet HTML 19Page - Seiko Instruments Inc S8424A Datasheet HTML 20Page - Seiko Instruments Inc S8424A Datasheet HTML 21Page - Seiko Instruments Inc S8424A Datasheet HTML 22Page - Seiko Instruments Inc S8424A Datasheet HTML 23Page - Seiko Instruments Inc S8424A Datasheet HTML 24Page - Seiko Instruments Inc S8424A Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
BATTERY BACKUP SWITCHING IC
Rev.3.0_01
S-8424A Series
21
3.2 VSW2 Detector
The VSW2 detector monitors the VOUT pin voltage and keeps the CS release voltage output low until the
VOUT pin voltage rises to VSW2 voltage. The CS pin output then changes from low to high if the VIN pin
voltage is more than the CS release voltage (
+VDET1) when the VOUT pin voltage rises to 95 ±2% of the
output voltage of voltage regulator 2 (VOUT). The CS pin output changes from high to low regardless of
the VSW2 voltage when the VIN pin voltage drops to less than the CS detection voltage (
−VDET1).
The CS pin output remains high if the VIN pin voltage stays higher than the CS detection voltage (
−VDET1)
when the VOUT pin voltage drops to less than the VSW2 voltage due to an undershoot.
3.3 Switch Controller
The switch controller controls voltage regulator 2 and switch transistor M1. There are two statuses
corresponding to the power supply voltage VIN (or power supply voltage VBAT) sequence: a special
sequence status and a normal sequence status. When the power supply voltage VIN rises and becomes
equal to or exceeds the CS release voltage (
+VDET1), the normal sequence status is entered, but until then
the special sequence status is maintained.
(1) Special sequence status
The switch controller sets voltage regulator 2 ON and switch transistor M1 OFF from the initial status
until the primary power supply voltage VIN is connected and reaches more than the CS release
voltage (
+VDET1) in order to prevent consumption of the backup power supply regardless of the VSW1
detector status. This status is called the special sequence status.
(2) Normal sequence status
The switch controller enters the normal sequence status from the special sequence status once the
primary power supply voltage VIN reaches more than the CS release voltage (
+VDET1).
Once the normal sequence is entered, the switch controller switches voltage regulator 2 and switch
transistor M1 ON/OFF as shown in Table 14 according to the power supply voltage VIN. The time
required for voltage regulator 2 to be switched from OFF to ON is a few hundred
μs at most. During
this interval, voltage regulator 2 and switch transistor M1 may both switch OFF and the VOUT pin
voltage may drop. To prevent this, connect a capacitor of 10
μF or more to the VOUT pin.
When the VOUT pin voltage becomes lower than the RESET detection voltage, the status returns to
the special sequence status.
Table 14 ON/OFF Switching of Voltage Regulator 2 and
Switch Transistor M1 According to Power Supply Voltage (VIN)
Power Supply Voltage (VIN)
Voltage Regulator 2
Switch Transistor M1
VOUT Pin Voltage
VIN > VSW1
ON
OFF
VOUT
VIN < VSW1
OFF
ON
VBAT
− Vdif



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com