Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8424A Datasheet(PDF) 34 Page - Seiko Instruments Inc

Part # S8424A
Description  BATTERY BACKUP SWITCHING IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8424A Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button S8424A Datasheet HTML 30Page - Seiko Instruments Inc S8424A Datasheet HTML 31Page - Seiko Instruments Inc S8424A Datasheet HTML 32Page - Seiko Instruments Inc S8424A Datasheet HTML 33Page - Seiko Instruments Inc S8424A Datasheet HTML 34Page - Seiko Instruments Inc S8424A Datasheet HTML 35Page - Seiko Instruments Inc S8424A Datasheet HTML 36Page - Seiko Instruments Inc S8424A Datasheet HTML 37Page - Seiko Instruments Inc S8424A Datasheet HTML 38Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
BATTERY BACKUP SWITCHING IC
S-8424A Series
Rev.3.0_01
34
1.3 Output Current (IRO) vs. Dropout Voltage (Vdrop1) Characteristics
1.4 Output Current (IOUT) vs. Dropout Voltage (Vdrop2) Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
0
0.02
0.04
0.06
IRO
(A)
Ta = 85°C
25
°C
−40°C
0.0
0.2
0.4
0.6
0.8
1.0
0
0.02
0.04
0.06
IOUT (A)
Ta = 85°C
25
°C
−40°C
1.5 Output Current (IRO) vs. Output Voltage (VRO) Characteristics
1.6 Output Current (IOUT) vs. Output Voltage (VOUT) Characteristics
2.85
2.95
3.05
3.15
3.25
1
μ
100
μ
10 m
1
IRO (A)
Ta = −40°C
25
°C
85
°C
VIN = 6 V
2.85
2.95
3.05
3.15
3.25
1
μ
100
μ
10 m
1
IRO (A)
Ta
= −40°C
25
°C
85
°C
VIN
= 6 V
1.7 Output voltage (VRO) Temperature Characteristics
1.8 Output voltage (VOUT) Temperature Characteristics
−30
−10
−20
0
30
20
10
−40 −20
0
20
40
60
80
100
Ta (
°C)
VIN = 6 V, IRO = 30 mA
Based on VRO voltage when Ta is 25
°C
−30
−10
−20
0
30
20
10
−40 −20
0
20
40
60
80 100
Ta (
°C)
VIN = 6 V, IOUT = 50 mA
Based on VOUT voltage when Ta is 25
°C
1.9 Input Stability (VRO) Temperature Characteristics
1.10 Input Stability (VOUT) Temperature Characteristics
0
15
10
5
20
Ta (
°C)
−40
−20
0
20
40
80
60
100
0
15
10
5
20
Ta (
°C)
−40
−20
0
20
40
80
60
100
1.11 Load Stability (VRO) Temperature Characteristics
1.12 Load Stability (VRO) Temperature Characteristics
Ta (
°C)
0
10
20
30
40
−40
−20
020
40
80
60
100
Ta (
°C)
0
10
20
30
40
−40
−20
0
20
40
80
60
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com