Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8550 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S8550
Description  STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8550 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S8550 Datasheet HTML 9Page - Seiko Instruments Inc S8550 Datasheet HTML 10Page - Seiko Instruments Inc S8550 Datasheet HTML 11Page - Seiko Instruments Inc S8550 Datasheet HTML 12Page - Seiko Instruments Inc S8550 Datasheet HTML 13Page - Seiko Instruments Inc S8550 Datasheet HTML 14Page - Seiko Instruments Inc S8550 Datasheet HTML 15Page - Seiko Instruments Inc S8550 Datasheet HTML 16Page - Seiko Instruments Inc S8550 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Rev.5.0_01
S-8550 Series
13
2. Capacitors (CIN, COUT)
A ceramic capacitor can be used for the input (CIN) and output (COUT) sides. CIN lowers the power supply
impedance and averages the input current to improve efficiency. Select CIN according to the impedance of the
power supply to be used. The recommended capacitance is 4.7
μF for the S-8550 Series when a general
lithium ion rechargeable battery is used.
Select as COUT a capacitor with large capacitance and small ESR for smoothing the ripple voltage. The
optimum capacitor selection depends on the L value, capacitance value, wiring, and application (output load).
Select COUT after sufficient evaluation under actual use conditions.
3. Output voltage setting resistors (RFB1, RFB2), capacitor for phase compensation (CFB)
With the S-8550 Series, VOUT can be set to any value by external divider resistors. Connect the divider
resistors across the VOUT and VSS pins. Because VFB
= 0.6 V typ., VOUT can be calculated by this equation.
VOUT =
(RFB1
+ RFB2)
RFB2
× 0.6
Connect divider resistors RFB1 and RFB2 as close to the IC to minimize effects from of noise. If noise does have
an effect, adjust the values of RFB1 and RFB2 so that RFB1
+ RFB2 < 100 kΩ.
CFB connected in parallel with RFB1 is a capacitor for phase compensation.
By setting the zero point (the phase feedback) by adding capacitor CFB to output voltage setting resistor RFB1 in
parallel, the feedback loop gains the phase margin. As a result, the stability can be obtained. In principle, to use
the portion how much the phase has feed back by the zero point effectively, define CFB referring to the following
equation.
CFB
≅
1
2
× π × RFB1 × 70 kHz
This equation is the reference.
The followings are explanation regarding the proper setting.
To use the portion how much the phase has feed back by the zero point effectively, set RFB1 and CFB so that the
zero point goes into the higher frequency than the pole frequency of L and COUT. The following equations are the
pole frequency of L and COUT and the zero point frequency by CFB and RFB1.
fpole
≅
1
2
× π × L × COUT
fzero
≅
1
2
× π × RFB1 × CFB
The transient response can be improved by setting the zero point frequency in the range of lower frequency.
However, since the gain becomes higher in the range of high frequency, the total phase of feedback loop delays
180
° or more by setting the zero point frequency in the significantly lower range. As a result, the gain cannot be
0 dB or lower in the frequency range thus the operation might be unstable. Determine the proper value after the
sufficient evaluation under the actual condition.
The typical constants by our evaluation are in Table 8.
Table 8 Constant for External Parts
VOUT(s) [V]
RFB1 [k
Ω]
RFB2 [k
Ω]
CFB [pF]
L [
μH]*1
COUT [
μF]*1
1.1
36
43
56
3.3
10
1.8
36
18
68
3.3
10
3.3
36
8
120
3.3
10
4.0
51
9
100
3.3
10
*1. The recommended parts in Table 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com