Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2776 Datasheet(PDF) 2 Page - NEC

Part # UPC2776
Description  2.7 GHz SILICON MIMIC WIDE BAND AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2776 Datasheet(HTML) 2 Page - NEC

  UPC2776 Datasheet HTML 1Page - NEC UPC2776 Datasheet HTML 2Page - NEC UPC2776 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APPLIED
PIN
SYMBOL
VOLTAGE
DESCRIPTION
EQUIVALENT CIRCUIT
(v)
1
INPUT
—
RF signal input pin. An internal matching circuit,
configured with resistors, improves match to 50
Ω
over a wide band. A multi-feedback circuit is
incorporated to minimize variations in hFE
and resistance values.
2
GND
0
Ground pin. Form the ground pattern as large as
3
possible to minimize ground impedance.
5
4
OUTPUT
4.5 - 5.5
RF signal output pin. Connect an inductor
between this pin and VCC to supply current
to the internal output transistors.
6VCC
Power supply pin. This pin biases the internal
input transistor.
RECOMMENDED
OPERATING CONDITIONS
SYMBOL
PARAMETER
UNITS
MIN
TYP MAX
VCC
Supply Voltage
V
4.5
5.0
5.5
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
6
ICC
Total Circuit Current
mA
60
PIN
Input Power
dBm
+10
PT
Power Dissipation2
mW
280
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +150
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Mounted on 50 x 50 x 1.6 mm epoxy glass PWB (TA = +85
°C)
TEST CIRCUIT
VCC
1000 pF
50
Ω
IN
C2
300 nH
L
OUT
2, 3, 5
4
1
6
1000 pF
1000 pF
C1
50
Ω
PIN FUNCTIONS
1
2
3
5
4
6
UPC2776T



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com