Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2776 Datasheet (PDF) - NEC

UPC2776 Datasheet PDF - NEC
Part # UPC2776
Download  UPC2776 Download
File Size   44.03 Kbytes
Page   3 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2.7 GHz SILICON MIMIC WIDE BAND AMPLIFIER

UPC2776 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2776 Datasheet PDF - NEC

Part # UPC2776
Download  UPC2776 Click to download

File Size   44.03 Kbytes
Page   3 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2.7 GHz SILICON MIMIC WIDE BAND AMPLIFIER

UPC2776 Datasheet (HTML) - NEC


UPC2776 Product details

DESCRIPTION AND APPLICATIONS
The UPC2776T is a Silicon Monolithic integrated circuit manufactured using the NESAT III process. This device is suitable for wide band IF blocks due to its high gain and flat response. The UPC2776T is designed as a low cost IC gain stage in DBS, TVRO, PCS, WLAN and other communication receivers.

FEATURES
• WIDE FREQUENCY RESPONSE: 2.7 GHz
• FLAT GAIN RESPONSE: ±1.0 dB
• HIGH GAIN: 23 dB
• MEDIUM OUTPUT POWER: P1dB: 6.0 dBm @ 1.0 GHz
• 5 V SINGLE SUPPLY VOLTAGE
• SMALL SURFACE MOUNT PACKAGE : T06
• TAPE AND REEL PACKAGING AVAILABLE




Similar Part No. - UPC2776

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2776 NEC-UPC2776 Datasheet
80Kb / 12P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776T NEC-UPC2776T Datasheet
80Kb / 12P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB Datasheet
80Kb / 12P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC2776TB CEL-UPC2776TB Datasheet
320Kb / 14P
5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB CEL-UPC2776TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
More results


Similar Description - UPC2776

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2711T NEC-UPC2711T Datasheet
185Kb / 12P
2.9 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2712T NEC-UPC2712T Datasheet
159Kb / 12P
2.6 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2710T NEC-UPC2710T Datasheet
95Kb / 6P
1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2709T NEC-UPC2709T Datasheet
96Kb / 6P
2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
logo
TriQuint Semiconductor
TGA4522-EPU TRIQUINT-TGA4522-EPU Datasheet
167Kb / 10P
33 - 47 GHz Wide Band Driver Amplifier
logo
NEC
UPC2708T NEC-UPC2708T Datasheet
140Kb / 6P
3 GHz SILICON MMIC WIDE-BAND AMPLIFIER
logo
TriQuint Semiconductor
TGA4522 TRIQUINT-TGA4522 Datasheet
168Kb / 11P
33 - 47 GHz Wide Band Driver Amplifier
logo
NEC
UPG110B NEC-UPG110B Datasheet
73Kb / 3P
2-8 GHZ WIDE-BAND AMPLIFIER
logo
United Monolithic Semic...
CHA3023 UMS-CHA3023 Datasheet
389Kb / 8P
1-18 GHz WIDE BAND AMPLIFIER
CHA3023 UMS-CHA3023_15 Datasheet
231Kb / 8P
1-18 GHz WIDE BAND AMPLIFIER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com