Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2712T Datasheet (PDF) - NEC

UPC2712T Datasheet PDF - NEC
Part # UPC2712T
Download  UPC2712T Download
File Size   159.19 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2.6 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT

UPC2712T Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2712T Datasheet PDF - NEC

Part # UPC2712T
Download  UPC2712T Click to download

File Size   159.19 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2.6 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT

UPC2712T Datasheet (HTML) - NEC


UPC2712T Product details

DESCRIPTION

The UPC2709T and UPC2712T are Silicon Monolithic integrated circuits manufactured using the NESAT III process. These devices are suitable as buffer amplifiers for wide-band applications. They are designed for low cost gain stages in cellular radios, GPS receivers, DBS tuners, PCN, and test/

measurement equipment.



FEATURES

• WIDE FREQUENCY RESPONSE: 2.5 GHz

• HIGH GAIN:23 dB (UPC2709T)

• SATURATED OUTPUT POWER: +11.5 dBm (UPC2709T)

• INTERNAL CURRENT REGULATION MINIMIZES GAIN CHANGE OVER TEMPERATURE

• 5 V SINGLE SUPPLY VOLTAGE

• SUPER SMALL PACKAGE

• TAPE AND REEL PACKAGING OPTION AVAILABLE




Similar Part No. - UPC2712T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2712T NEC-UPC2712T Datasheet
96Kb / 6P
2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2712T-E3 NEC-UPC2712T-E3 Datasheet
96Kb / 6P
2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2712TB NEC-UPC2712TB Datasheet
66Kb / 9P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2712TB CEL-UPC2712TB Datasheet
334Kb / 10P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2712TB CEL-UPC2712TB Datasheet
416Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
More results


Similar Description - UPC2712T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1652G NEC-UPC1652G Datasheet
40Kb / 8P
SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT WIDE BAND AMPLIFIER
UPC2711T NEC-UPC2711T Datasheet
185Kb / 12P
2.9 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2713T NEC-UPC2713T Datasheet
44Kb / 5P
1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2714T NEC-UPC2714T Datasheet
186Kb / 6P
1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2715T NEC-UPC2715T Datasheet
148Kb / 12P
1.2 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2726T NEC-UPC2726T Datasheet
143Kb / 12P
1.6 GHz DIFFERENTIAL WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
logo
NTE Electronics
NTE726 NTE-NTE726 Datasheet
24Kb / 2P
Integrated Circuit Wide Band Amplifier
NTE784 NTE-NTE784 Datasheet
26Kb / 3P
Integrated Circuit Wide-Band Power Amplifier
logo
Toshiba Semiconductor
TA4107F TOSHIBA-TA4107F Datasheet
102Kb / 7P
Bipolar Linear Integrated Circuit Silicon Monolithic
TA78L05FTE12L TOSHIBA-TA78L05FTE12L Datasheet
390Kb / 19P
Bipolar Linear Integrated Circuit Silicon Monolithic
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com