Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2726T Datasheet (PDF) - NEC

UPC2726T Datasheet PDF - NEC
Part # UPC2726T
Download  UPC2726T Download
File Size   143.79 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1.6 GHz DIFFERENTIAL WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT

UPC2726T Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2726T Datasheet PDF - NEC

Part # UPC2726T
Download  UPC2726T Click to download

File Size   143.79 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1.6 GHz DIFFERENTIAL WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT

UPC2726T Datasheet (HTML) - NEC


UPC2726T Product details

DESCRIPTION
The µPC2726T is a silicon microwave monolithic integrated circuit designed for miniature differenctial amplifier. This IC operates up to 1.6 GHz and therefore is suitable for BS tuner, mobile communication and measurement equipment applications. This IC can also use as differential oscillator application.
The µPC27×× series is manufactured using NEC’s 20 GHz fT NESATTM III silicon bipolar process. This process uses silicon nitride passivation film and gold metallization wirings. These materials can protect the chips from external pollution and prevent corrosion and migration. Thus, this process can produce the ICs with excellent performance, uniformity and reliability.

FEATURES
• Wide frequency respone − fU= 1.6 GHz @ −3 dB GP, VCC = 5 V
• Power gain − GP = 15 dB @ 5 V
• Low power consumption: 5 V, 15 mA TYP./2 V, 2.5 mA
• 6 pin mini mold for high-density surface mounting.




Similar Part No. - UPC2726T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2726T NEC-UPC2726T Datasheet
45Kb / 4P
1.6 GHz DIFFERENTIAL WIDEBAND SILICON WIDEBAND SILICON
UPC2726T-E3 NEC-UPC2726T-E3 Datasheet
45Kb / 4P
1.6 GHz DIFFERENTIAL WIDEBAND SILICON WIDEBAND SILICON
UPC2726T NEC-UPC2726T_00 Datasheet
45Kb / 4P
1.6 GHz DIFFERENTIAL WIDEBAND SILICON WIDEBAND SILICON
More results


Similar Description - UPC2726T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1652G NEC-UPC1652G Datasheet
40Kb / 8P
SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT WIDE BAND AMPLIFIER
UPC2711T NEC-UPC2711T Datasheet
185Kb / 12P
2.9 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2712T NEC-UPC2712T Datasheet
159Kb / 12P
2.6 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2713T NEC-UPC2713T Datasheet
44Kb / 5P
1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2714T NEC-UPC2714T Datasheet
186Kb / 6P
1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2715T NEC-UPC2715T Datasheet
148Kb / 12P
1.2 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
logo
NTE Electronics
NTE726 NTE-NTE726 Datasheet
24Kb / 2P
Integrated Circuit Wide Band Amplifier
NTE784 NTE-NTE784 Datasheet
26Kb / 3P
Integrated Circuit Wide-Band Power Amplifier
logo
Sony Corporation
CXA1777N SONY-CXA1777N Datasheet
129Kb / 7P
WIDE BAND DIFFERENTIAL AMPLIFIER
logo
Toshiba Semiconductor
TA78L05FTE12L TOSHIBA-TA78L05FTE12L Datasheet
390Kb / 19P
Bipolar Linear Integrated Circuit Silicon Monolithic
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com