Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1652G Datasheet (PDF) - NEC

UPC1652G Datasheet PDF - NEC
Part # UPC1652G
Download  UPC1652G Download
File Size   40.65 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT WIDE BAND AMPLIFIER

UPC1652G Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC1652G Datasheet PDF - NEC

Part # UPC1652G
Download  UPC1652G Click to download

File Size   40.65 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT WIDE BAND AMPLIFIER

UPC1652G Datasheet (HTML) - NEC


UPC1652G Product details

DESCRIPTION
The µPC1652G is a silicon monolithic integrated circuit especially designed as a wide band amplifier convering HF band through UHF band.

FEATURES
• Excellent frequency response : 1 200 MHz TYP. @ 3 dB down
• High power gain : 18 dB TYP. @ f = 500 MHz
• Low voltage operation : VCC = 5 V
• SOP package




Similar Part No. - UPC1652G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1652G RENESAS-UPC1652G Datasheet
179Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results


Similar Description - UPC1652G

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2711T NEC-UPC2711T Datasheet
185Kb / 12P
2.9 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2712T NEC-UPC2712T Datasheet
159Kb / 12P
2.6 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2713T NEC-UPC2713T Datasheet
44Kb / 5P
1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2714T NEC-UPC2714T Datasheet
186Kb / 6P
1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2715T NEC-UPC2715T Datasheet
148Kb / 12P
1.2 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2726T NEC-UPC2726T Datasheet
143Kb / 12P
1.6 GHz DIFFERENTIAL WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
logo
NTE Electronics
NTE726 NTE-NTE726 Datasheet
24Kb / 2P
Integrated Circuit Wide Band Amplifier
NTE784 NTE-NTE784 Datasheet
26Kb / 3P
Integrated Circuit Wide-Band Power Amplifier
logo
Toshiba Semiconductor
TA4107F TOSHIBA-TA4107F Datasheet
102Kb / 7P
Bipolar Linear Integrated Circuit Silicon Monolithic
TA78L05FTE12L TOSHIBA-TA78L05FTE12L Datasheet
390Kb / 19P
Bipolar Linear Integrated Circuit Silicon Monolithic
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com