Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1652G Datasheet(PDF) 1 Page - NEC

Part # UPC1652G
Description  SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT WIDE BAND AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1652G Datasheet(HTML) 1 Page - NEC

  UPC1652G Datasheet HTML 1Page - NEC UPC1652G Datasheet HTML 2Page - NEC UPC1652G Datasheet HTML 3Page - NEC UPC1652G Datasheet HTML 4Page - NEC UPC1652G Datasheet HTML 5Page - NEC UPC1652G Datasheet HTML 6Page - NEC UPC1652G Datasheet HTML 7Page - NEC UPC1652G Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document No. P12443EJ5V0DS00 (5th edition)
Date Published November 1999 N CP(K)
Printed in Japan
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC1652G
SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT
WIDE BAND AMPLIFIER
DATA SHEET
©
1983, 1999
The mark
shows major revised points.
DESCRIPTION
PIN CONNECTIONS
The
µPC1652G is a silicon monolithic integrated circuit
especially designed as a wide band amplifier convering HF band
through UHF band.
FEATURES
• Excellent frequency response : 1 200 MHz TYP. @ 3 dB down
• High power gain : 18 dB TYP. @ f = 500 MHz
• Low voltage operation : VCC = 5 V
• SOP package
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Supply Voltage
VCC
7V
Total Power dissipation
PD
440
mW
Operating Ambient Temperature
TA
−20 to +75
°C
Storage Temperature
Tstg
−40 to +125
°C
EQUIVALENT CIRCUIT
ELECTRICAL CHARACTERISTICS (TA = +25
°°°°C, VCC = 5 V)
CHARACTERISTIC
SYMBOL MIN. TYP. MAX. UNIT
TEST CONDITIONS
Circuit Current
ICC
15
20
25
mA
No signals
Power Gain
GP
16
18
20
dB
f = 500 MHz
Noise Figure
NF
5.5
6.5
dB
f = 500 MHz
Band Width
BW
1000 1200
MHz 3 dB down below flat gain
Isolation
ISO
23
26
dB
f = 500 MHz
Input Return Loss
S11
17
20
dB
f = 500 MHz
Output Return Loss
S22
12
15
dB
f = 500 MHz
Maximum Output Level
PO
3
5
dBm f = 500 MHz
NEC cannot assume any responsibility for any circuits shown or represent that
they are free from patent infringement
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1
INPUT
2
GND
3
GND
4
GND
8
GND
7VCC
6VCC
5
OUTPUT
VCC
OUT
GND
IN


Similar Part No. - UPC1652G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1652G RENESAS-UPC1652G Datasheet
179Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results

Similar Description - UPC1652G

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2711T NEC-UPC2711T Datasheet
185Kb / 12P
2.9 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2712T NEC-UPC2712T Datasheet
159Kb / 12P
2.6 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2713T NEC-UPC2713T Datasheet
44Kb / 5P
1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2714T NEC-UPC2714T Datasheet
186Kb / 6P
1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2715T NEC-UPC2715T Datasheet
148Kb / 12P
1.2 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2726T NEC-UPC2726T Datasheet
143Kb / 12P
1.6 GHz DIFFERENTIAL WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
logo
NTE Electronics
NTE726 NTE-NTE726 Datasheet
24Kb / 2P
Integrated Circuit Wide Band Amplifier
NTE784 NTE-NTE784 Datasheet
26Kb / 3P
Integrated Circuit Wide-Band Power Amplifier
logo
Toshiba Semiconductor
TA4107F TOSHIBA-TA4107F Datasheet
102Kb / 7P
Bipolar Linear Integrated Circuit Silicon Monolithic
TA78L05FTE12L TOSHIBA-TA78L05FTE12L Datasheet
390Kb / 19P
Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com