Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7303 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VSC7303
Description  Stapleford??- 24-port Gigabit Ethernet Switch-on-a-Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VSC7303 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VSC7303 Datasheet HTML 1Page - List of Unclassifed Manufacturers VSC7303 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRI-SPEED DESKTOP SWITCH:
BENEFITS:
Ensures Maximum Data Throughput on Even Highly Loaded Networks
Simplifies PCB Layout Significantly by Utilizing Reduced Mode Interface
Standards for All Speeds
Eliminates the Need for External Buffer Memory While Maintaining High
Peak Load Performance
Enables Advanced Switch Management Using Run-time Protocols, in
Addition to Low Cost Unmanaged and Web Managed Operation
Connects Effortlessly to Networks, Hosts, and Controllers that Utilize up
to 12K Sized Jumbo Frames
Optimizes Network Performance to Support any Digital Stream, from
Internet Browsing to VoIP and Video
Stores a Large Amount of Stations at Wire Speed in the On-chip MAC
Table, Ensuring Optimal Network Performance
Ensures Loss-less Data Transmission While Supporting Existing Legacy
Ethernet Equipment
Secures the Network from Congestion by Unwanted Loops
Provides High Bandwidth Uplinking Abilities
Supports Complex Network Topologies with Fast Failure Recovery, as
Well as Legacy Networks
Enables Extra Network Security and Database Controlled Network Access
Stapleford-based Switch Products are Easily Designed for Ethernet in the
First Mile (EFM)
FEA TURES:
24 Gigabit Ethernet Ports with Non-blocking Wire-speed Performance
Tri-speed (10/100/1000 Mb/s) Operation Via RGMII or RTBI Interfaces
400 KB On-chip Frame Buffer
8/16-bit CPU Interface, and 4-wire Serial CPU Interface
Jumbo Frame Support
Programmable Classifier for QoS (Layer 2-4), Including IEEE Std 802.1p™
8K MAC Addresses and 4K VLANs (IEEE Std 802.1Q™)
Full Duplex Flow Control (IEEE Std 802.3x™) and Half Duplex Back
Pressure
Multicast and Broadcast Storm Control
Flexible Link Aggregation Compliant to IEEE Std 802.3ad™
Spanning Tree Protocol Support (IEEE Std 802.1D™) Rapid Spanning
Tree (IEEE Std 802.3W™) Multiple Spanning Tree (IEEE Std 802.3s™)
Port Based Access Control (IEEE Std 802.1X™)
OAM Support (IEEE Std 802.3ah™)
APPLICA TIONS:
Tri-speed Desktop Switch
Tri-speed Access/Aggregation Switch
Backplane Controller
Control Plane Controller
Stapleford™ - 24-port Gigabit Ethernet Switch-on-a-Chip
ETHERNET PRODUCTS
PB-VSC7303-001
VSC7303
RGMII
Quad
PHY
Quad
PHY
Quad
PHY
Stapleford
VSC7303
CPU
or
Ctrl
Quad
PHY
Quad
PHY
Quad
PHY
4-wire Serial or
8/16-bit Parallel
Interface


Similar Part No. - VSC7303

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
VSC7301/7303 PULSE-VSC7301/7303 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - VSC7303

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM56100 BOARDCOM-BCM56100 Datasheet
427Kb / 2P
24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM56300 BOARDCOM-BCM56300 Datasheet
192Kb / 2P
24-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM56500 BOARDCOM-BCM56500 Datasheet
111Kb / 2P
24-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM56510 BOARDCOM-BCM56510 Datasheet
160Kb / 2P
24-PORT GIGABIT ETHERNET MULTILAYER SWITCH
logo
Vitesse Semiconductor C...
VSC7384 VITESSE-VSC7384 Datasheet
456Kb / 2P
12-port Gigabit Ethernet Switch-on-a-Chip
logo
List of Unclassifed Man...
ATCA-3150 ETC2-ATCA-3150 Datasheet
454Kb / 2P
24-port Gigabit Ethernet Base Interface switch
logo
Broadcom Corporation.
BCM56500B2KEBG BOARDCOM-BCM56500B2KEBG Datasheet
128Kb / 2P
24-PORT GIGABIT ETHERNET MULTILAYER SWITCH
logo
Level One
GSW-2457 LVL1-GSW-2457 Datasheet
564Kb / 2P
24-Port Gigabit Ethernet Switch
logo
ORing Industrial Networ...
IGS-9168GP ORING-IGS-9168GP Datasheet
2Mb / 5P
Industrial 24-port managed Gigabit Ethernet switch
TGPS-9168GT-M12 ORING-TGPS-9168GT-M12 Datasheet
4Mb / 6P
24-port managed Gigabit PoE Ethernet switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com